Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK71643SCLH Datasheet (PDF) - TOKO, Inc

TK71643SCLH Datasheet PDF - TOKO, Inc
Part # TK71643SCLH
Download  TK71643SCLH Download

File Size   111.66 Kbytes
Page   20 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description LOW DROPOUT VOLTAGE REGULATOR

TK71643SCLH Datasheet (PDF)

Go To PDF Page Download Datasheet
TK71643SCLH Datasheet PDF - TOKO, Inc

Part # TK71643SCLH
Download  TK71643SCLH Click to download

File Size   111.66 Kbytes
Page   20 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description LOW DROPOUT VOLTAGE REGULATOR

TK71643SCLH Datasheet (HTML) - TOKO, Inc

Back Button TK71643SCLH Datasheet HTML 1Page - TOKO, Inc TK71643SCLH Datasheet HTML 2Page - TOKO, Inc TK71643SCLH Datasheet HTML 3Page - TOKO, Inc TK71643SCLH Datasheet HTML 4Page - TOKO, Inc TK71643SCLH Datasheet HTML 5Page - TOKO, Inc TK71643SCLH Datasheet HTML 6Page - TOKO, Inc TK71643SCLH Datasheet HTML 7Page - TOKO, Inc TK71643SCLH Datasheet HTML 8Page - TOKO, Inc TK71643SCLH Datasheet HTML 9Page - TOKO, Inc TK71643SCLH Datasheet HTML 10Page - TOKO, Inc Next Button 

TK71643SCLH Product details

DESCRIPTION
The TK716xx is a low dropout linear regulator housed in a small SOT23-5 package, rated at 500 mW. The phase compensation in the IC has been optimized to allow the use of ceramic or tantalum output capacitors. The device is in the “on” state when the control pin is pulled to a logic high level. An internal PNP pass transistor is used to achieve a low dropout voltage of 90 mV (typ.) at 50 mA load current. This device offers high precision output voltage of ± 2.0 % or ± 1.0 %. The low quiescent current and dropout voltage make this part ideal for battery powered applications. This part incorporates an output disconnect feature to reduce the reverse bias current in the “off” state to less than 50 nA.

FEATURES
■ Available in ± 2.0 % or ± 1.0 % Output Tolerance
■ Active High On/Off Control
■ Very Low Quiescent Current
■ Very Low Dropout Voltage
■ Reverse Bias Protection
■ Miniature Package (SOT23-5)
■ Short Circuit Switch
■ High Ripple Rejection
■ Very High Output Impedance (Output Off)
■ Very Low Noise

APPLICATIONS
■ Battery Powered Systems
■ Cellular Telephones
■ Pagers
■ Personal Communications Equipment
■ Portable Instrumentation
■ Portable Consumer Equipment
■ Radio Control Systems
■ Toys
■ Low Voltage Systems




Similar Part No. - TK71643SCLH

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71120 TOKO-TK71120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT TOKO-TK71120NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT/120 TOKO-TK71120NT/120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125 TOKO-TK71125 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125NT TOKO-TK71125NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
More results


Similar Description - TK71643SCLH

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com