Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM75BIM-3+ Datasheet (PDF) - Maxim Integrated Products

LM75BIM-3+ Datasheet PDF - Maxim Integrated Products
Part # LM75BIM-3+
Download  LM75BIM-3+ Download

File Size   270.37 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface

LM75BIM-3+ Datasheet (PDF)

Go To PDF Page Download Datasheet
LM75BIM-3+ Datasheet PDF - Maxim Integrated Products

Part # LM75BIM-3+
Download  LM75BIM-3+ Click to download

File Size   270.37 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface

LM75BIM-3+ Datasheet (HTML) - Maxim Integrated Products

Back Button LM75BIM-3+ Datasheet HTML 1Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 2Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 3Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 4Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 5Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 6Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 7Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 8Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 9Page - Maxim Integrated Products LM75BIM-3+ Datasheet HTML 10Page - Maxim Integrated Products Next Button 

LM75BIM-3+ Product details

General Description
The LM75 temperature sensor includes a delta-sigma analog-to-digital converter, and a digital overtempera ture detector. The host can query the LM75 through its I2C interface to read temperature at any time. The open-drain overtemperature output (OS) sinks current when the programmable temperature limit is exceeded. The OS output operates in either of two modes, com parator or interrupt. The host controls the temperature at which the alarm is asserted (TOS) and the hysteresis temperature below which the alarm condition is not valid (THYST). Also, the LM75’s TOSand THYSTregis ters can be read by the host. The address of the LM75 is set with three pins to allow multiple devices to work
on the same bus. Power-up is in comparator mode, with defaults of TOS= +80°C and THYST= +75°C. The 3.0V to 5.5V supply voltage range, low supply current, and I2C interface make the LM75 ideal for many applications in thermal management and protection.

Features
♦ SO (SOP) and µMAX®(µSOP) Packages
♦ I2C Bus Interface
♦ Separate Open-Drain OS Output Operates as
   Interrupt or Comparator/Thermostat Input
♦ Register Readback Capability
♦ Power-Up Defaults Permit Stand-Alone Operation as a Thermostat
♦ 3.0V to 5.5V Supply Voltage
♦ Low Operating Supply Current 250µA (typ), 1mA(max)
♦ 4µA (typ) Shutdown Mode Minimizes Power Consumption
♦ Up to Eight LM75s Can Be Connected to a Single Bus
♦ Pin- and/or Register-Compatible with Improved Performance Maxim Sensors Including
   MAX7500, MAX6625, MAX6626, DS75LV, and DS7505

Applications
   Thermal System Management
   Thermal Protection
   Test Equipment
   Computers and Office Electronics




Similar Part No. - LM75BIM-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM75BIM-3++ MAXIM-LM75BIM-3+ Datasheet
1Mb / 13P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
More results


Similar Description - LM75BIM-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
logo
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com