Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11341BUCB Datasheet (PDF) - TOKO, Inc

TK11341BUCB Datasheet PDF - TOKO, Inc
Part # TK11341BUCB
Download  TK11341BUCB Download

File Size   123.06 Kbytes
Page   16 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description VOLTAGE REGULATOR WITH ON/OFF SWITCH

TK11341BUCB Datasheet (PDF)

Go To PDF Page Download Datasheet
TK11341BUCB Datasheet PDF - TOKO, Inc

Part # TK11341BUCB
Download  TK11341BUCB Click to download

File Size   123.06 Kbytes
Page   16 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description VOLTAGE REGULATOR WITH ON/OFF SWITCH

TK11341BUCB Datasheet (HTML) - TOKO, Inc

Back Button TK11341BUCB Datasheet HTML 1Page - TOKO, Inc TK11341BUCB Datasheet HTML 2Page - TOKO, Inc TK11341BUCB Datasheet HTML 3Page - TOKO, Inc TK11341BUCB Datasheet HTML 4Page - TOKO, Inc TK11341BUCB Datasheet HTML 5Page - TOKO, Inc TK11341BUCB Datasheet HTML 6Page - TOKO, Inc TK11341BUCB Datasheet HTML 7Page - TOKO, Inc TK11341BUCB Datasheet HTML 8Page - TOKO, Inc TK11341BUCB Datasheet HTML 9Page - TOKO, Inc TK11341BUCB Datasheet HTML 10Page - TOKO, Inc Next Button 

TK11341BUCB Product details

DESCRIPTION
The TK113xxB is a low dropout linear regulator with a built in electronic switch. The device is in the “on” state when the control pin is pulled to a low level. An external capacitor can be connected to the noise bypass pin to lower the output noise level to 30 µVrms.
An internal PNP pass transistor is used to achieve a low dropout voltage of 80 mV (typ.) at 30 mA load current. The TK113xxB has a very low quiescent current of 170 µA at no load and 1 mA with a 30 mA load. The standby current is typically 100 nA. The internal thermal shut down circuitry limits the junction temperature to below 150 °C. The load current is internally monitored and the device will shutdown in the presence of a short circuit or overcurrent condition at the output.

FEATURES
■ High Voltage Precision at ± 2.0%
■ Active Low On/Off Control
■ Very Low Dropout Voltage 80 mV at 30 mA
■ Very Low Noise
■ Very Small SOT23L or SOT89 Surface Mount Packages
■ Internal Thermal Shutdown
■ Short Circuit Protection

APPLICATIONS
■ Battery Powered Systems
■ Cellular Telephones
■ Pagers
■ Personal Communications Equipment
■ Portable Instrumentation
■ Portable Consumer Equipment
■ Radio Control Systems
■ Toys
■ Low Voltage Systems




Similar Part No. - TK11341BUCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11341BUCB TOKO-TK11341BUCB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Similar Description - TK11341BUCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com