Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS4122S Datasheet (PDF) - Advanced Monolithic Systems

AMS4122S Datasheet PDF - Advanced Monolithic Systems
Part # AMS4122S
Download  AMS4122S Download

File Size   383.7 Kbytes
Page   6 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8

AMS4122S Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS4122S Datasheet PDF - Advanced Monolithic Systems

Part # AMS4122S
Download  AMS4122S Click to download

File Size   383.7 Kbytes
Page   6 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8

AMS4122S Datasheet (HTML) - Advanced Monolithic Systems

AMS4122S Datasheet HTML 1Page - Advanced Monolithic Systems AMS4122S Datasheet HTML 2Page - Advanced Monolithic Systems AMS4122S Datasheet HTML 3Page - Advanced Monolithic Systems AMS4122S Datasheet HTML 4Page - Advanced Monolithic Systems AMS4122S Datasheet HTML 5Page - Advanced Monolithic Systems AMS4122S Datasheet HTML 6Page - Advanced Monolithic Systems



Similar Part No. - AMS4122S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4122S ADMOS-AMS4122S Datasheet
534Kb / 6P
   SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
More results


Similar Description - AMS4122S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4122 ADMOS-AMS4122 Datasheet
534Kb / 6P
   SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
logo
E-CMOS Corporation
EC3282S E-CMOS-EC3282S Datasheet
997Kb / 9P
   2A, 28V, Buck Converter
logo
Diodes Incorporated
AP1539 DIODES-AP1539 Datasheet
239Kb / 12P
   18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 2
AP1539_0910 DIODES-AP1539_0910 Datasheet
306Kb / 13P
   18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 4
logo
Advanced Monolithic Sys...
AMS4154 ADMOS-AMS4154 Datasheet
277Kb / 5P
   2A OUTPUT PWM BUCK CONVERTER
logo
ON Semiconductor
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
Taiwan Semiconductor Co...
TS3420 TSC-TS3420 Datasheet
419Kb / 9P
   2A, 1.25MHz Synchronous Buck Converter
logo
ON Semiconductor
NCV6334B ONSEMI-NCV6334B Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
Advanced Monolithic Sys...
AMS4155 ADMOS-AMS4155 Datasheet
389Kb / 6P
   2A OUTPUT PWM BUCK CONVERTER
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
   2A 23V Synchronous Buck Converter
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com