Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS29F040DCG-70/Q Datasheet (PDF) - Austin Semiconductor

AS29F040DCG-70/Q Datasheet PDF - Austin Semiconductor
Part # AS29F040DCG-70/Q
Download  AS29F040DCG-70/Q Download

File Size   1436.79 Kbytes
Page   27 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY

AS29F040DCG-70/Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AS29F040DCG-70/Q Datasheet PDF - Austin Semiconductor

Part # AS29F040DCG-70/Q
Download  AS29F040DCG-70/Q Click to download

File Size   1436.79 Kbytes
Page   27 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY

AS29F040DCG-70/Q Datasheet (HTML) - Austin Semiconductor

Back Button AS29F040DCG-70/Q Datasheet HTML 1Page - Austin Semiconductor AS29F040DCG-70/Q Datasheet HTML 2Page - Austin Semiconductor AS29F040DCG-70/Q Datasheet HTML 3Page - Austin Semiconductor AS29F040DCG-70/Q Datasheet HTML 4Page - Austin Semiconductor AS29F040DCG-70/Q Datasheet HTML 5Page - Austin Semiconductor AS29F040DCG-70/Q Datasheet HTML 6Page - Austin Semiconductor AS29F040DCG-70/Q Datasheet HTML 7Page - Austin Semiconductor AS29F040DCG-70/Q Datasheet HTML 8Page - Austin Semiconductor AS29F040DCG-70/Q Datasheet HTML 9Page - Austin Semiconductor AS29F040DCG-70/Q Datasheet HTML 10Page - Austin Semiconductor Next Button 

AS29F040DCG-70/Q Product details

GENERAL DESCRIPTION
The AS29F040 is a 4Mbit, 5.0 Volt-only FLASH memory organized as 524,288 Kbytes of 8 bits each. The 512 Kbytes of data are divided into eight sectors of 64 Kbytes each for flexible erase capability. The 8 bits of data appear on DQ0-DQ7. The device is designed to be programmed in-system with the standard system 5.0 Volt VCC supply. A 12.0 volt VPP is not required for write or erase operations. The device can also be programmed in standard EPROM programmers.

FEATURES
• Single 5.0V ±10% power supply operation
• Fastest access times: 55, 60, 70, 90, 120, & 150ns
• Low power consumption:
    √ 20 mA typical active read current
    √ 30 mA typical program/erase current
    √ 1 μA typical standby current (standard access time to active mode)
• Flexible sector architecture
    √ Eight uniform 64 Kbyte each
    √ Any combination of sectors can be erased
    √ Supports full chip erase
• Sector protection
• Embedded Algorithms Erase & Program Algorithms
• Erase Suspend/Resume
• Minimum 1,000,000 Program/Erase Cycles per sector guaranteed
• Compatible with JEDEC standards
    √ Pinout and software compatible with single-powersupply FLASH
• Data Polling and Toggle Bits
• 20-year data retention at 125°C




Similar Part No. - AS29F040DCG-70/Q

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS29F040 ALSC-AS29F040 Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
logo
Micross Components
AS29F040 MICROSS-AS29F040 Datasheet
598Kb / 27P
   Sector protection
logo
Alliance Semiconductor ...
AS29F040-120LC ALSC-AS29F040-120LC Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
AS29F040-120LI ALSC-AS29F040-120LI Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
AS29F040-120TC ALSC-AS29F040-120TC Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
More results


Similar Description - AS29F040DCG-70/Q

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29F010 AUSTIN-AS29F010 Datasheet
530Kb / 26P
   128K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
logo
AMIC Technology
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29010A AMICC-A29010A Datasheet
351Kb / 30P
   Uniform Sector Flash Memory
A29040C AMICC-A29040C Datasheet
391Kb / 29P
   Uniform Sector Flash Memory
A29L040A AMICC-A29L040A_15 Datasheet
330Kb / 29P
   Uniform Sector Flash Memory
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040_11 Datasheet
350Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com