Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7985BCPZ-RL7 Datasheet (PDF) - Analog Devices

AD7985BCPZ-RL7 Datasheet PDF - Analog Devices
Part # AD7985BCPZ-RL7
Download  AD7985BCPZ-RL7 Download

File Size   585.1 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP

AD7985BCPZ-RL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7985BCPZ-RL7 Datasheet PDF - Analog Devices

Part # AD7985BCPZ-RL7
Download  AD7985BCPZ-RL7 Click to download

File Size   585.1 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP

AD7985BCPZ-RL7 Datasheet (HTML) - Analog Devices

Back Button AD7985BCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD7985BCPZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button 

AD7985BCPZ-RL7 Product details

GENERAL DESCRIPTION
The AD79851 is a 16-bit, 2.5 MSPS successive approximation analog-to-digital converter (SAR ADC). It contains a low power, high speed, 16-bit sampling ADC, an internal conversion clock, an internal reference (and buffer), error correction circuits, and a versatile serial interface port. On the rising edge of CNV, the AD7985 samples an analog input, IN+, between 0 V and REF with respect to a ground sense, IN−. The AD7985 features a very high sampling rate turbo mode (TURBO is high) and a reduced power normal mode (TURBO is low) for low power applications where the power is scaled with the throughput.

FEATURES
   16-bit resolution with no missing codes
   Throughput: 2.5 MSPS (TURBO high), 2.0 MSPS (TURBO low)
   Low power dissipation
      15.5 mW at 2.5 MSPS, with external reference
      28 mW at 2.5 MSPS, with internal reference
   INL: ±0.7 LSB typical, ±1.5 LSB maximum
   SNR
      88.5 dB, with on-chip reference
      90 dB, with external reference
   4.096 V internal reference: typical drift of ±10 ppm/°C
   Pseudo differential analog input voltage range
      0 V to VREF with VREF up to 5.0 V
      Allows use of any input range
   No pipeline delay
   Logic interface: 1.8 V/2.5 V/2.7 V
   Proprietary serial interface SPI-/QSPI™-/MICROWIRE™-/DSP-compatible1
   Ability to daisy-chain multiple ADCs with busy indicator
   20-lead, 4 mm × 4 mm LFCSP

APPLICATIONS
   Battery-powered equipment
   Communications
   ATE
   Data acquisition systems
   Medical instruments




Similar Part No. - AD7985BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7985BCPZ-RL7 AD-AD7985BCPZ-RL7 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
More results


Similar Description - AD7985BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7944 AD-AD7944 Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944_17 Datasheet
689Kb / 29P
   15.5 mW ADC in LFCSP
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com