Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2458L Datasheet (PDF) - Toshiba Semiconductor

2SC2458L Datasheet PDF - Toshiba Semiconductor
Part # 2SC2458L
Download  2SC2458L Download

File Size   211.09 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO, LOW NOISE AUDIO AMPLIFIER APPLICATIONS)

2SC2458L Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2458L Datasheet PDF - Toshiba Semiconductor

Part # 2SC2458L
Download  2SC2458L Click to download

File Size   211.09 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO, LOW NOISE AUDIO AMPLIFIER APPLICATIONS)

2SC2458L Datasheet (HTML) - Toshiba Semiconductor

2SC2458L Datasheet HTML 1Page - Toshiba Semiconductor 2SC2458L Datasheet HTML 2Page - Toshiba Semiconductor 2SC2458L Datasheet HTML 3Page - Toshiba Semiconductor

2SC2458L Product details

Audio Amplifier Applications
Low Noise Audio Amplifier Applications

•  High current capability: IC= 150 mA (max)
•  High DC current gain: hFE= 70~700
•  Excellent hFElinearity: hFE(IC= 0.1 mA)/hFE(IC= 2 mA) = 0.95 (typ.)
•  Low noise: NF (2) = 0.2dB (typ.), 3dB (max)
•  Complementary to 2SA1048 (L).
•  Small package.



Similar Part No. - 2SC2458L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2458L TOSHIBA-2SC2458L Datasheet
179Kb / 4P
   Audio Amplifier Applications Low Noise Audio Amplifier Applications
2SC2458L TOSHIBA-2SC2458L Datasheet
656Kb / 4P
   Silicon NPN Epitaxial Type (PCT process)
2SC2458L-GR TOSHIBA-2SC2458L-GR Datasheet
312Kb / 4P
   Audio Amplifier Applications
2SC2458L TOSHIBA-2SC2458L_07 Datasheet
656Kb / 4P
   Silicon NPN Epitaxial Type (PCT process)
More results


Similar Description - 2SC2458L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2458 TOSHIBA-2SC2458 Datasheet
179Kb / 4P
   Audio Amplifier Applications Low Noise Audio Amplifier Applications
2SC2240 TOSHIBA-2SC2240 Datasheet
226Kb / 3P
   TRANSISTOR (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SA970 TOSHIBA-2SA970 Datasheet
213Kb / 3P
   TRANSISTOR (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SA1312 TOSHIBA-2SA1312 Datasheet
215Kb / 3P
   TRANSISTOR (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
2SK184-GR TOSHIBA-2SK184-GR Datasheet
320Kb / 4P
   Low Noise Audio Amplifier Applications
2SK170-GR TOSHIBA-2SK170-GR Datasheet
320Kb / 5P
   Low Noise Audio Amplifier Applications
logo
New Jersey Semi-Conduct...
2SA970 NJSEMI-2SA970 Datasheet
66Kb / 1P
   LOW NOISE AUDIO AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA970-BL TOSHIBA-2SA970-BL Datasheet
267Kb / 4P
   Low Noise Audio Amplifier Applications
2SJ74 TOSHIBA-2SJ74_07 Datasheet
663Kb / 5P
   Low Noise Audio Amplifier Applications
2SC2240-GR TOSHIBA-2SC2240-GR Datasheet
314Kb / 5P
   Low Noise Audio Amplifier Applications
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com