Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2459 Datasheet (PDF) - Toshiba Semiconductor

2SC2459 Datasheet PDF - Toshiba Semiconductor
Part # 2SC2459
Download  2SC2459 Download

File Size   141.93 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO AMPLIFIER APPLICATIONS)

2SC2459 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2459 Datasheet PDF - Toshiba Semiconductor

Part # 2SC2459
Download  2SC2459 Click to download

File Size   141.93 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (AUDIO AMPLIFIER APPLICATIONS)

2SC2459 Datasheet (HTML) - Toshiba Semiconductor

2SC2459 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2459 Datasheet HTML 2Page - Toshiba Semiconductor

2SC2459 Product details

Audio Amplifier Applications

• High breakdown voltage: VCEO = 120 V (max)
• High DC current gain: hFE = 200~700
• Excellent hFE linearity: hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.)
• Low noise: NF = 1dB (typ.), 10dB (max)
• Complementary to 2SA1049.
• Small package.



Similar Part No. - 2SC2459

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2459 TOSHIBA-2SC2459 Datasheet
132Kb / 3P
   Audio Amplifier Applications
2SC2459 TOSHIBA-2SC2459 Datasheet
134Kb / 1P
   MINI PACKAGE SERIES
2SC2459 TOSHIBA-2SC2459_03 Datasheet
132Kb / 3P
   Audio Amplifier Applications
More results


Similar Description - 2SC2459

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1049 TOSHIBA-2SA1049 Datasheet
139Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SA1204 TOSHIBA-2SA1204 Datasheet
153Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SC2120 TOSHIBA-2SC2120 Datasheet
135Kb / 2P
   TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
2SA1620 TOSHIBA-2SA1620 Datasheet
136Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SA1015L TOSHIBA-2SA1015L Datasheet
153Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SA1145 TOSHIBA-2SA1145 Datasheet
144Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SA1203 TOSHIBA-2SA1203 Datasheet
156Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SC2703 TOSHIBA-2SC2703 Datasheet
148Kb / 2P
   TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
2SA1356 TOSHIBA-2SA1356 Datasheet
154Kb / 2P
   TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
2SA817 TOSHIBA-2SA817 Datasheet
145Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com