Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2551 Datasheet (PDF) - Toshiba Semiconductor

2SC2551 Datasheet PDF - Toshiba Semiconductor
Part # 2SC2551
Download  2SC2551 Download

File Size   220.91 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (HIGHT VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)

2SC2551 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2551 Datasheet PDF - Toshiba Semiconductor

Part # 2SC2551
Download  2SC2551 Click to download

File Size   220.91 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (HIGHT VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)

2SC2551 Datasheet (HTML) - Toshiba Semiconductor

2SC2551 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2551 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2551 Datasheet HTML 3Page - Toshiba Semiconductor

2SC2551 Product details

Hight Voltage Control Applications
Plasma Display, Nixie Tube Driver Applications
Cathode Ray Tube Brightness Control Applications

• High voltage: VCBO = 300 V, VCEO = 300 V
• Low saturation voltage: VCE (sat) = 0.5 V (max)
• Small collector output capacitance: Cob = 3 pF (typ.)
• Complementary to 2SA1091.



Similar Part No. - 2SC2551

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2551 TOSHIBA-2SC2551 Datasheet
641Kb / 4P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
logo
SeCoS Halbleitertechnol...
2SC2551 SECOS-2SC2551 Datasheet
772Kb / 3P
   NPN Plastic Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
2SC2551 JIANGSU-2SC2551 Datasheet
425Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2551 DGNJDZ-2SC2551 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Inchange Semiconductor ...
2SC2551 ISC-2SC2551 Datasheet
315Kb / 3P
   isc Silicon NPN Power Transistor
More results


Similar Description - 2SC2551

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1091 TOSHIBA-2SA1091 Datasheet
224Kb / 3P
   TRANSISTOR (HIGH VOLTAGE CONTROL APPLICATIONS PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL)
2SA1432 TOSHIBA-2SA1432 Datasheet
247Kb / 4P
   TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SA1721 TOSHIBA-2SA1721 Datasheet
175Kb / 3P
   TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS
2SA1721 TOSHIBA-2SA1721_07 Datasheet
192Kb / 5P
   High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SC3515 TOSHIBA-2SC3515_04 Datasheet
195Kb / 6P
   HIGH Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1384 TOSHIBA-2SA1384_07 Datasheet
203Kb / 6P
   High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1091 TOSHIBA-2SA1091_07 Datasheet
654Kb / 4P
   High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1432 TOSHIBA-2SA1432_09 Datasheet
159Kb / 6P
   High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1384 TOSHIBA-2SA1384 Datasheet
268Kb / 5P
   TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TYBE DRIVER , CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
logo
KEC(Korea Electronics)
KTA1073T KEC-KTA1073T Datasheet
398Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR(HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER,CATHODE RAY TUBE BRIGHTNESS CONTROL)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com