Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90-0001 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AT90-0001 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AT90-0001
Download  AT90-0001 Download

File Size   146.67 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz

AT90-0001 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90-0001 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AT90-0001
Download  AT90-0001 Click to download

File Size   146.67 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz

AT90-0001 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

AT90-0001 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT90-0001 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT90-0001 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AT90-0001 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.

AT90-0001 Product details

Description
M/A-COM’s AT90-0001 is a GaAs FET 5-bit digital attenuator with an integral TTL driver. Step size is 1.0 dB providing 31 dB total attenuation range. This device is in a 32 lead FQFP-N surface mount package. Due to superior grounding techniques this digital attenuator offers superior performance to 6 GHz. The AT90-0001 is ideally suited for use where accuracy, fast speed, very low power consumption and low costs are required.

Features
• Attenuation: 1.0 dB Steps to 31 dB
• High Accuracy to 6 GHz
• Small Footprint, JEDEC Package
• Integral TTL driver
• 50 ohm impedance
• Test boards are available
• Tape and Reel Packaging Available
• CSP-1 Package




Similar Part No. - AT90-0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-0001 MACOM-AT90-0001 Datasheet
239Kb / 3P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
AT90-0001 MACOM-AT90-0001 Datasheet
238Kb / 4P
   Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-6.0 GHz
AT90-0001-TB MACOM-AT90-0001-TB Datasheet
239Kb / 3P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
AT90-0001-TB MACOM-AT90-0001-TB Datasheet
238Kb / 4P
   Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-6.0 GHz
AT90-0001TR MACOM-AT90-0001TR Datasheet
239Kb / 3P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
More results


Similar Description - AT90-0001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
Tyco Electronics
AT90-0001 MACOM-AT90-0001 Datasheet
239Kb / 3P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
MAAD-007083-000100 MACOM-MAAD-007083-000100 Datasheet
241Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
Tyco Electronics
AT90-1263 MACOM-AT90-1263 Datasheet
775Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT90-0263 MA-COM-AT90-0263 Datasheet
157Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
AT-263-PIN MA-COM-AT-263-PIN Datasheet
123Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com