Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2655 Datasheet (PDF) - Toshiba Semiconductor

2SC2655 Datasheet PDF - Toshiba Semiconductor
Part # 2SC2655
Download  2SC2655 Download

File Size   179.48 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)

2SC2655 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2655 Datasheet PDF - Toshiba Semiconductor

Part # 2SC2655
Download  2SC2655 Click to download

File Size   179.48 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)

2SC2655 Datasheet (HTML) - Toshiba Semiconductor

2SC2655 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 4Page - Toshiba Semiconductor

2SC2655 Product details

Power Amplifier Applications

Power Switching Applications





•  Low saturation voltage: VCE (sat)= 0.5 V (max) (IC= 1 A)

•  High collector power dissipation: PC= 900 mW

•  High-speed switching: tstg= 1.0 μs (typ.)

•  Complementary to 2SA1020.



Similar Part No. - 2SC2655

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2655 UTC-2SC2655 Datasheet
61Kb / 4P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
SHENZHEN KOO CHIN ELECT...
2SC2655 KOOCHIN-2SC2655 Datasheet
277Kb / 3P
   TRANSISTOR (NPN)
logo
Toshiba Semiconductor
2SC2655 TOSHIBA-2SC2655 Datasheet
139Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process)
2SC2655 TOSHIBA-2SC2655 Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
logo
Weitron Technology
2SC2655 WEITRON-2SC2655 Datasheet
282Kb / 2P
   NPN General Purpose Transistors
More results


Similar Description - 2SC2655

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1296 TOSHIBA-2SA1296 Datasheet
148Kb / 2P
   TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC2873 TOSHIBA-2SC2873 Datasheet
187Kb / 4P
   TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1428 TOSHIBA-2SA1428 Datasheet
196Kb / 3P
   TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1680 TOSHIBA-2SA1680 Datasheet
165Kb / 2P
   TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1734 TOSHIBA-2SA1734 Datasheet
195Kb / 4P
   TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1736 TOSHIBA-2SA1736 Datasheet
195Kb / 4P
   TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1297 TOSHIBA-2SA1297 Datasheet
149Kb / 2P
   TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1735 TOSHIBA-2SA1735 Datasheet
148Kb / 3P
   TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1891 TOSHIBA-2SA1891 Datasheet
100Kb / 2P
   TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1315 TOSHIBA-2SA1315 Datasheet
202Kb / 4P
   TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1681 TOSHIBA-2SA1681 Datasheet
175Kb / 3P
   TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com