Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA81-2 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SMA81-2 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SMA81-2
Download  SMA81-2 Download

File Size   1341.92 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier

SMA81-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA81-2 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SMA81-2
Download  SMA81-2 Click to download

File Size   1341.92 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier

SMA81-2 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

SMA81-2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMA81-2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.

SMA81-2 Product details

Description
The A81-2 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
The 2 stage silicon bipolar feedback amplifier design displays impressive performance over a broadband frequency range. An isolation transformer is used in the feedback loop, with the benefit of high reverse isolation.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• HIGH OUTPUT POWER: +15.0 dBm (TYP.)
• HIGH EFFICIENCY: 29 mA @ +15 Vdc (TYP.)
• LOW NOISE 2.9 dB (TYP.)
• HIGH GAIN: >24.5 dB (TYP.)




Similar Part No. - SMA81-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA81-2 MACOM-SMA81-2 Datasheet
100Kb / 1P
   20 TO 500 MHz CASCADABLE AMPLIFIER
SMA81-2 MACOM-SMA81-2 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 500 MHz
logo
M/A-COM Technology Solu...
SMA81-2 MA-COM-SMA81-2 Datasheet
647Kb / 3P
   Cascadable Amplifier
More results


Similar Description - SMA81-2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
EA53-2 MA-COM-EA53-2 Datasheet
129Kb / 2P
   Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
   Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
   Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
   Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
   Cascadable Amplifier
A74-SMA74 MA-COM-A74-SMA74 Datasheet
1Mb / 2P
   Cascadable Amplifier
A77-1-SMA77-1 MA-COM-A77-1-SMA77-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com