Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2940U-L-5-0 Datasheet (PDF) - Exar Corporation

SPX2940U-L-5-0 Datasheet PDF - Exar Corporation
Part # SPX2940U-L-5-0
Download  SPX2940U-L-5-0 Download

File Size   616.39 Kbytes
Page   10 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 1A Low Dropout Voltage Regulator

SPX2940U-L-5-0 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX2940U-L-5-0 Datasheet PDF - Exar Corporation

Part # SPX2940U-L-5-0
Download  SPX2940U-L-5-0 Click to download

File Size   616.39 Kbytes
Page   10 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 1A Low Dropout Voltage Regulator

SPX2940U-L-5-0 Datasheet (HTML) - Exar Corporation

SPX2940U-L-5-0 Datasheet HTML 1Page - Exar Corporation SPX2940U-L-5-0 Datasheet HTML 2Page - Exar Corporation SPX2940U-L-5-0 Datasheet HTML 3Page - Exar Corporation SPX2940U-L-5-0 Datasheet HTML 4Page - Exar Corporation SPX2940U-L-5-0 Datasheet HTML 5Page - Exar Corporation SPX2940U-L-5-0 Datasheet HTML 6Page - Exar Corporation SPX2940U-L-5-0 Datasheet HTML 7Page - Exar Corporation SPX2940U-L-5-0 Datasheet HTML 8Page - Exar Corporation SPX2940U-L-5-0 Datasheet HTML 9Page - Exar Corporation SPX2940U-L-5-0 Datasheet HTML 10Page - Exar Corporation

SPX2940U-L-5-0 Product details

GENERAL DESCRIPTION

The SPX2940 is a 1A, accurate voltage regulators with a low drop out voltage of 280mV (typical) at 1A.

These regulators are specifically designed for low voltage applications that require a low dropout voltage and a fast transient response.

They are fully fault protected against over current, reverse battery, and positive and negative voltage transients.

The SPX2940 is offered in 3-pin TO-220 & TO-263 packages. For a 3A version, refer to the SPX29300 data sheet.



FEATURES

• Guaranteed 1.5A Peak Current

• Low Quiescent Current

• Low Dropout Voltage of 280mV at 1A

• Extremely Tight Load and Line Regulation

• Extremely Fast Transient Response

• Reverse-battery Protection

• Internal Thermal Protection

• Internal Short Circuit Current Limit

• Replacement for LM2940, MIC2940A, AS2940

• Standard TO-220 and TO-263 packages



APPLICATIONS

• Power Supplies

• LCD Monitors

• Portable Instrumentation

• Medical and Industrial Equipments



 



Similar Part No. - SPX2940U-L-5-0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2940U-L-5-0 SIPEX-SPX2940U-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
More results


Similar Description - SPX2940U-L-5-0

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117 ADMOS-AMS1117_05 Datasheet
185Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117_07 Datasheet
330Kb / 7P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910_08 Datasheet
71Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com