Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX3819M5-L-3-0 Datasheet (PDF) - Exar Corporation

SPX3819M5-L-3-0 Datasheet PDF - Exar Corporation
Part # SPX3819M5-L-3-0
Download  SPX3819M5-L-3-0 Download

File Size   1685.08 Kbytes
Page   13 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 500mA, LOW-NOISE LDO VOLTAGE REGULATOR

SPX3819M5-L-3-0 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX3819M5-L-3-0 Datasheet PDF - Exar Corporation

Part # SPX3819M5-L-3-0
Download  SPX3819M5-L-3-0 Click to download

File Size   1685.08 Kbytes
Page   13 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 500mA, LOW-NOISE LDO VOLTAGE REGULATOR

SPX3819M5-L-3-0 Datasheet (HTML) - Exar Corporation

Back Button SPX3819M5-L-3-0 Datasheet HTML 1Page - Exar Corporation SPX3819M5-L-3-0 Datasheet HTML 2Page - Exar Corporation SPX3819M5-L-3-0 Datasheet HTML 3Page - Exar Corporation SPX3819M5-L-3-0 Datasheet HTML 4Page - Exar Corporation SPX3819M5-L-3-0 Datasheet HTML 5Page - Exar Corporation SPX3819M5-L-3-0 Datasheet HTML 6Page - Exar Corporation SPX3819M5-L-3-0 Datasheet HTML 7Page - Exar Corporation SPX3819M5-L-3-0 Datasheet HTML 8Page - Exar Corporation SPX3819M5-L-3-0 Datasheet HTML 9Page - Exar Corporation SPX3819M5-L-3-0 Datasheet HTML 10Page - Exar Corporation Next Button 

SPX3819M5-L-3-0 Product details

DESCRIPTION
The SPX3819 is a positive voltage regulator with a low dropout voltage and low noise output. In addition, this device offers a very low ground current of 800µA at 100mA output. The SPX3819 has an initial tolerance of less than 1% max and a logic compatible ON/OFF switched input. When disabled, power consumption drops to nearly zero. Other key features include reverse battery protection, current limit, and thermal shutdown. The SPX3819 includes a reference bypass pin for optimal low noise output performance. With its very low output temperature coefficient, this device also makes a superior low power voltage reference.

FEATURES
■ Low Noise: 40µV Possible
■ High Accuracy: 1%
■ Reverse Battery Protection
■ Low Dropout: 340mV at Full Load
■ Low Quiescent Current: 90µA
■ Zero Off-Mode Current
■ Fixed Output: 1.2V, 1.5V, 1.8V, 2.5V, 3.0V, 3.1V, 3.3V, 5.0V. Adj. Output also available.
■ Available in RoHS Compliant, Lead Free Packages: 5 Pin SOT-23, 8 Pin Narrow SOIC and 8 pin 2X3 DFN

APPLICATIONS
■ Battery Powered Systems
■ Cordless Phones
■ Radio Control Systems
■ Portable/Palm Top/Notebook Computers
■ Portable Consumer Equipment
■ Portable Instrumentation
■ Bar Code Scanners
■ SMPS Post Regulators



Similar Part No. - SPX3819M5-L-3-0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819M5-L-3-0 SIPEX-SPX3819M5-L-3-0 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-3-0 EXAR-SPX3819M5-L-3-0 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819M5-L-3-0/TR SIPEX-SPX3819M5-L-3-0/TR Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-3-0/TR EXAR-SPX3819M5-L-3-0/TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Similar Description - SPX3819M5-L-3-0

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819_07 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com