Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC91214 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC91214 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC91214
Download  SC91214 Download

File Size   356.32 Kbytes
Page   16 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION

SC91214 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC91214 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC91214
Download  SC91214 Click to download

File Size   356.32 Kbytes
Page   16 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION

SC91214 Datasheet (HTML) - Silan Microelectronics Joint-stock

Back Button SC91214 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC91214 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC91214 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC91214 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC91214 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC91214 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC91214 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91214 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91214 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC91214 Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button 

SC91214 Product details

DESCRIPTION

The  SC91214/15  Series  is  a  single-chip,  silicon  gate,  CMOS integrated  circuit  with  an  on-chip  oscillator  for  a  3.58MHZ  crystal  or ceramic  resonator.  It  provides  a  dialing  pulse  (DP)  or  dual  tone  multi-frequency (DTMF) dialing. A standard 4 X4 matrix keyboard can be used to support either DP or DTMF modes.



FEATURES

* One touch redial operation

* Tone/Pulse switchable

* 32 digit capacity for redialing

* Automatic mixed redialing (last number redial) of pulse to DTMF with multiple automatic access pauses

* PABX auto-pause is 2.2 seconds

* DTMF Timing:

   Manual dialing: minimum duration for bursts and pauses Redialing: calibrated timing

* Hands-Free control function

* Wide operating voltage range: 2V to 5.5V

* Key-in beep tone output

* Digits dialed manually after redialing are cascadable and stored as additional digits for the next redialing

* Uses inexpensive ceramic resonator (3.58 MHZ)

* Two versions for different telephone systems

* Built-in power up reset circuit

* Four extra function keys: flash, pause, redial and DP or DTMF mixed dialing

* 4 X 4 (or 2 X 8) keyboard can be used

* Low standby current



 




Similar Part No. - SC91214

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC912XDP512F0CAA FREESCALE-SC912XDP512F0CAA Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1348P
   MC9S12XDP512 Data Sheet
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
More results


Similar Description - SC91214

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC91710A SILAN-SC91710A Datasheet
532Kb / 17P
   T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
Winbond
WE9140 WINBOND-WE9140 Datasheet
712Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
LG Semicon Co.,Ltd.
GM6390 LG-GM6390 Datasheet
279Kb / 11P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
List of Unclassifed Man...
HM9121 ETC1-HM9121 Datasheet
185Kb / 1P
   TONE/PULSE SWITCHABLE & 20 MEMORIES DIALER WITH HANDFREE CONTROL & PAGE FUNCTION
logo
Winbond
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com