Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29502T5-L Datasheet (PDF) - Exar Corporation

SPX29502T5-L Datasheet PDF - Exar Corporation
Part # SPX29502T5-L
Download  SPX29502T5-L Download

File Size   724.56 Kbytes
Page   9 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 5A Low Dropout Voltage Regulator

SPX29502T5-L Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX29502T5-L Datasheet PDF - Exar Corporation

Part # SPX29502T5-L
Download  SPX29502T5-L Click to download

File Size   724.56 Kbytes
Page   9 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 5A Low Dropout Voltage Regulator

SPX29502T5-L Datasheet (HTML) - Exar Corporation

SPX29502T5-L Datasheet HTML 1Page - Exar Corporation SPX29502T5-L Datasheet HTML 2Page - Exar Corporation SPX29502T5-L Datasheet HTML 3Page - Exar Corporation SPX29502T5-L Datasheet HTML 4Page - Exar Corporation SPX29502T5-L Datasheet HTML 5Page - Exar Corporation SPX29502T5-L Datasheet HTML 6Page - Exar Corporation SPX29502T5-L Datasheet HTML 7Page - Exar Corporation SPX29502T5-L Datasheet HTML 8Page - Exar Corporation SPX29502T5-L Datasheet HTML 9Page - Exar Corporation

SPX29502T5-L Product details

DESCRIPTION
The SPX29501/02 are 5A highly accurate voltage regulators with a low dropout voltage of 420mV @ 5A. These regulators are specifically designed for low voltage applications that require a low dropout voltage and a fast transient response. They are fully fault protected against over-current, reverse battery, and positive and negative voltage transients. On-Chip trimming adjusts the reference voltage to 1% initial accuracy. Other features include Enable, and Error Flag.

FEATURES
■ Adjustable Output Down to 1.25V
■ 1% Output Accuracy
■ Output Current of 5A
■ Low Dropout Voltage: 420mV @ 5A
■ Tight Line Regulation: 0.06%
■ Load Regulation: 0.2%
■ Fast Transient Response
■ Reverse-Battery Protection
■ Current Limit and Thermal Protection

APPLICATIONS
■ Powering VGA & Sound Card
■ Power PC™ Supplies
■ SMPS Post Regulator
■ High Efficiency “Green” Computer Systems
■ High Efficiency Linear Power Supplies
■ Constant Current Regulators
■ Adjustable Power Supplies
■ Battery Charger



Similar Part No. - SPX29502T5-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29502T5 SIPEX-SPX29502T5 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
More results


Similar Description - SPX29502T5-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
   5A LOW DROPOUT VOLTAGE REGULATOR
CX1084 ETC2-CX1084 Datasheet
149Kb / 9P
   5A Low dropout voltage regulator
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500 Datasheet
196Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com