Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCP13N60N Datasheet (PDF) - Fairchild Semiconductor

FCP13N60N Datasheet PDF - Fairchild Semiconductor
Part # FCP13N60N
Download  FCP13N60N Download

File Size   904.36 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel MOSFET 600V, 13A, 0.258廓

FCP13N60N Datasheet (PDF)

Go To PDF Page Download Datasheet
FCP13N60N Datasheet PDF - Fairchild Semiconductor

Part # FCP13N60N
Download  FCP13N60N Click to download

File Size   904.36 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel MOSFET 600V, 13A, 0.258廓

FCP13N60N Datasheet (HTML) - Fairchild Semiconductor

FCP13N60N Datasheet HTML 1Page - Fairchild Semiconductor FCP13N60N Datasheet HTML 2Page - Fairchild Semiconductor FCP13N60N Datasheet HTML 3Page - Fairchild Semiconductor FCP13N60N Datasheet HTML 4Page - Fairchild Semiconductor FCP13N60N Datasheet HTML 5Page - Fairchild Semiconductor FCP13N60N Datasheet HTML 6Page - Fairchild Semiconductor FCP13N60N Datasheet HTML 7Page - Fairchild Semiconductor FCP13N60N Datasheet HTML 8Page - Fairchild Semiconductor FCP13N60N Datasheet HTML 9Page - Fairchild Semiconductor FCP13N60N Datasheet HTML 10Page - Fairchild Semiconductor

FCP13N60N Product details

Description
The SupreMOS MOSFET, Fairchild’s next generation of high voltage super-junction MOSFETs, employs a deep trench filling process that differentiates it from preceding multi-epi based technologies. By utilizing this advanced technology and precise process control, SupreMOS provides world class Rsp, superior switching performance and ruggedness.
This SupreMOS MOSFET fits the industry’s AC-DC SMPS requirements for PFC, server/telecom power, FPD TV power, ATX power, and industrial power applications.

Features
• RDS(on) = 0.244Ω ( Typ.) @ VGS = 10V, ID = 6.5A
• Ultra Low Gate Charge ( Typ.Qg = 30.4nC)
• Low Effective Output Capacitance
• 100% Avalanche Tested
• RoHS Compliant




Similar Part No. - FCP13N60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCP13N60N ISC-FCP13N60N Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FCP13N60N

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13NM60 UTC-13NM60 Datasheet
509Kb / 9P
   13A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
2019
logo
Taiwan Semiconductor Co...
TSM13ND50CI TSC-TSM13ND50CI Datasheet
341Kb / 6P
   N-Channel Power MOSFET 500V, 13A, 0.48廓
logo
Fairchild Semiconductor
FCP11N60N FAIRCHILD-FCP11N60N Datasheet
922Kb / 10P
   N-Channel MOSFET 600V, 10.8A, 0.299廓
FDP17N60N FAIRCHILD-FDP17N60N Datasheet
766Kb / 9P
   N-Channel MOSFET 600V, 17A, 0.34廓
logo
STMicroelectronics
STW13NB60 STMICROELECTRONICS-STW13NB60 Datasheet
111Kb / 9P
   N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
logo
Fairchild Semiconductor
FCP9N60N FAIRCHILD-FCP9N60N Datasheet
911Kb / 10P
   N-Channel MOSFET 600V, 9A, 0.385廓
FDP4N60NZ FAIRCHILD-FDP4N60NZ Datasheet
383Kb / 10P
   N-Channel MOSFET 600V, 3.8A, 2.5廓
FDPF5N60NZ FAIRCHILD-FDPF5N60NZ Datasheet
344Kb / 10P
   N-Channel MOSFET 600V, 4.5A, 2.0廓
logo
Alpha & Omega Semicondu...
AOT13N50 AOSMD-AOT13N50 Datasheet
165Kb / 6P
   500V, 13A N-Channel MOSFET
logo
Silan Microelectronics ...
SVF13N50F SILAN-SVF13N50F Datasheet
400Kb / 9P
   13A, 500V N-CHANNEL MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com