Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFW-RAV80-148-3A Datasheet (PDF) - DDK Ltd.

DFW-RAV80-148-3A Datasheet PDF - DDK Ltd.
Part # DFW-RAV80-148-3A
Download  DFW-RAV80-148-3A Download

File Size   280.85 Kbytes
Page   3 Pages
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.
Description 0.6mm Pitch Floating Connector

DFW-RAV80-148-3A Datasheet (PDF)

Go To PDF Page Download Datasheet
DFW-RAV80-148-3A Datasheet PDF - DDK Ltd.

Part # DFW-RAV80-148-3A
Download  DFW-RAV80-148-3A Click to download

File Size   280.85 Kbytes
Page   3 Pages
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.
Description 0.6mm Pitch Floating Connector

DFW-RAV80-148-3A Datasheet (HTML) - DDK Ltd.

DFW-RAV80-148-3A Datasheet HTML 1Page - DDK Ltd. DFW-RAV80-148-3A Datasheet HTML 2Page - DDK Ltd. DFW-RAV80-148-3A Datasheet HTML 3Page - DDK Ltd.



Similar Part No. - DFW-RAV80-148-3A

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DFW-B02 ADAM-TECH-DFW-B02 Datasheet
122Kb / 1P
   DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-B03 ADAM-TECH-DFW-B03 Datasheet
122Kb / 1P
   DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-B04 ADAM-TECH-DFW-B04 Datasheet
122Kb / 1P
   DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-C02 ADAM-TECH-DFW-C02 Datasheet
122Kb / 1P
   DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DFW-C03 ADAM-TECH-DFW-C03 Datasheet
122Kb / 1P
   DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
More results


Similar Description - DFW-RAV80-148-3A

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PML-PP2-85-SO-CF DDK-PML-PP2-85-SO-CF Datasheet
948Kb / 3P
   Floating Coaxial Connector
logo
Hirose Electric
FX8-60P-SV HIROSE-FX8-60P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
logo
Tyco Electronics
6123215-1 MACOM-6123215-1 Datasheet
226Kb / 2P
   HARD TRAY ASSY 0.6mm PITCH CARD DGE CONNECTOR
logo
Hirose Electric
FX8C-60P-SV HIROSE-FX8C-60P-SV Datasheet
422Kb / 11P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
logo
DDK Ltd.
PML DDK-PML Datasheet
947Kb / 3P
   Floating Coaxial Connector
logo
Tyco Electronics
1652263 MACOM-1652263 Datasheet
469Kb / 6P
   DDR3 SODIMM SOCKET 0.6mm PITCH 204POS
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
Everlight Electronics C...
Y2C-FN1P1VZ EVERLIGHT-Y2C-FN1P1VZ Datasheet
161Kb / 10P
   Chip LED (0.6mm Height)
BHW-ZMNQY EVERLIGHT-BHW-ZMNQY Datasheet
217Kb / 10P
   Chip LED (0.6mm Height)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com