Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-702-ECE-HMM Datasheet (PDF) - Vectron International, Inc

FX-702-ECE-HMM Datasheet PDF - Vectron International, Inc
Part # FX-702-ECE-HMM
Download  FX-702-ECE-HMM Download

File Size   310.13 Kbytes
Page   7 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Low Jitter VCSO Frequency Translator

FX-702-ECE-HMM Datasheet (PDF)

Go To PDF Page Download Datasheet
FX-702-ECE-HMM Datasheet PDF - Vectron International, Inc

Part # FX-702-ECE-HMM
Download  FX-702-ECE-HMM Click to download

File Size   310.13 Kbytes
Page   7 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Low Jitter VCSO Frequency Translator

FX-702-ECE-HMM Datasheet (HTML) - Vectron International, Inc

FX-702-ECE-HMM Datasheet HTML 1Page - Vectron International, Inc FX-702-ECE-HMM Datasheet HTML 2Page - Vectron International, Inc FX-702-ECE-HMM Datasheet HTML 3Page - Vectron International, Inc FX-702-ECE-HMM Datasheet HTML 4Page - Vectron International, Inc FX-702-ECE-HMM Datasheet HTML 5Page - Vectron International, Inc FX-702-ECE-HMM Datasheet HTML 6Page - Vectron International, Inc FX-702-ECE-HMM Datasheet HTML 7Page - Vectron International, Inc

FX-702-ECE-HMM Product details

Description
The FX-702 is a low jitter precision frequency translator used to translate input frequencies such as 19.44, 38.88, 77.76 MHz, etc. to a binary multiple frequency as high as 850 MHz. The FX-702’s superior jitter performance is achieved through the PLL’s integrated VCSO. The FX-702 is housed in a hermetically sealed leadless surface mount package offered on tape and reel.

Features
• 5 x 7.5 x 2.5 mm Package
• Frequency Translation up to 850 MHz
• VCSO based PLL for Ultra-Low Jitter
• CMOS / LVDS / LVPECL Inputs compatible
• Differential LVPECL or LVDS Output
• CMOS Lock Detect
• External Divider for Input Frequencies < 19 MHz
• 0°/70°C or -40°/+85°C Temperature Range
• Fully Compatible for Lead Free Assembly

Applications
• SONET/SDH
• 10GbE./10.3GbE
• Frequency Translation
• Clock Smoothing, Clock Switching
• FEC Scaling
• Medical Instrumentation
• Test and Measurement
• Military




Similar Part No. - FX-702-ECE-HMM

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
More results


Similar Description - FX-702-ECE-HMM

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-702 VECTRON-FX-702_10 Datasheet
231Kb / 8P
   Low Jitter VCSO Frequency Translator
FX-730 VECTRON-FX-730 Datasheet
284Kb / 8P
   Low Jitter VCSO Frequency Translator
FX-730 VECTRON-FX-730_09 Datasheet
231Kb / 8P
   Low Jitter VCSO Frequency Translator
FX-703 VECTRON-FX-703 Datasheet
693Kb / 10P
   Low Jitter VCSO Frequency Translator Jitter Attenuator
VS-800 VECTRON-VS-800 Datasheet
1Mb / 9P
   Ultra-Low Jitter High Frequency VCSO
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com