Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC712LP3CE Datasheet (PDF) - Hittite Microwave Corporation

HMC712LP3CE Datasheet PDF - Hittite Microwave Corporation
Part # HMC712LP3CE
Download  HMC712LP3CE Download

File Size   331.63 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz

HMC712LP3CE Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC712LP3CE Datasheet PDF - Hittite Microwave Corporation

Part # HMC712LP3CE
Download  HMC712LP3CE Click to download

File Size   331.63 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz

HMC712LP3CE Datasheet (HTML) - Hittite Microwave Corporation

HMC712LP3CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC712LP3CE Datasheet HTML 8Page - Hittite Microwave Corporation

HMC712LP3CE Product details

General Description
The HMC712LP3CE is an absorptive Voltage Variable Attenuator (VVA) which operates from 5 - 26.5 GHz and is ideal in designs where an analog DC control signal must be used to control RF signal levels over a 28 dB amplitude range. It features two shunt-type attenuators which are controlled by two analog voltages, Vctrl1 and Vctrl2. Optimum linearity performance of the attenuator is achieved by fi rst varying Vctrl1 of the 1st attenuation stage from -3V to 0V with Vctrl2 fi xed at -3V. The control voltage of the 2nd attenuation stage, Vctrl2, should then be varied from -3V to 0V, with Vctrl1 fi xed at 0V.

Features
   Wide Bandwidth: 5 - 26.5 GHz
   Excellent Linearity: +28 dBm Input P1dB
   Wide Attenuation Range: 28 dB
   Absorptive Topology
   Singe or Dual Control Operation
   16 Lead 3x3mm SMT Package: 9mm2

Typical Applications
The HMC712LP3CE is ideal for:
• Point-to-Point Radio
• VSAT Radio
• Test Instrumentation
• Microwave Sensors
• Military, ECM & Radar




Similar Part No. - HMC712LP3CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC712LP3CE HITTITE-HMC712LP3CE Datasheet
656Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC712LP3CE HITTITE-HMC712LP3CE Datasheet
341Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC712LP3CE HITTITE-HMC712LP3CE_10 Datasheet
656Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
More results


Similar Description - HMC712LP3CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC712ALP3C AD-HMC712ALP3C Datasheet
948Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
Hittite Microwave Corpo...
HMC712LP3C HITTITE-HMC712LP3C_09 Datasheet
341Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
Analog Devices
HMC712ALP3CE AD-HMC712ALP3CE Datasheet
776Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
Hittite Microwave Corpo...
HMC712LP3CE HITTITE-HMC712LP3CE_10 Datasheet
656Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC712 HITTITE-HMC712 Datasheet
322Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC812LC4 HITTITE-HMC812LC4_11 Datasheet
521Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC712 HITTITE-HMC712_10 Datasheet
496Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC812LC4 HITTITE-HMC812LC4 Datasheet
301Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
logo
Analog Devices
HMC812A AD-HMC812A_16 Datasheet
1Mb / 9P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
HMC812ALC4 AD-HMC812ALC4 Datasheet
300Kb / 5P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com