Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSM5XL8A61R Datasheet (PDF) - OptoSupply International

OSM5XL8A61R Datasheet PDF - OptoSupply International
Part # OSM5XL8A61R
Download  OSM5XL8A61R Download

File Size   99.0 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 8mm Warm White LED

OSM5XL8A61R Datasheet (PDF)

Go To PDF Page Download Datasheet
OSM5XL8A61R Datasheet PDF - OptoSupply International

Part # OSM5XL8A61R
Download  OSM5XL8A61R Click to download

File Size   99.0 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 8mm Warm White LED

OSM5XL8A61R Datasheet (HTML) - OptoSupply International

OSM5XL8A61R Datasheet HTML 1Page - OptoSupply International



Similar Part No. - OSM5XL8A61R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5XL5141R OPTOSUPPLY-OSM5XL5141R Datasheet
97Kb / 1P
   Tpower 5mm Warm White LED
OSM5XL56E1R OPTOSUPPLY-OSM5XL56E1R Datasheet
98Kb / 1P
   Tpower 4.8mm Straw Warm White LED
OSM5XLA151R OPTOSUPPLY-OSM5XLA151R Datasheet
100Kb / 1P
   Tpower 10mm Warm White LED
OSM5XLS3C1H OPTOSUPPLY-OSM5XLS3C1H Datasheet
99Kb / 1P
   3.5x2.8x1.9mm Warm White Power Top H SMD LED
OSM5XLZ161G OPTOSUPPLY-OSM5XLZ161G Datasheet
99Kb / 1P
   Giga Power Super Flux Warm White LED
More results


Similar Description - OSM5XL8A61R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5D38A61R OPTOSUPPLY-OSM5D38A61R Datasheet
97Kb / 1P
   Tpower 8mm Warm White LED
OSM5D3A151R OPTOSUPPLY-OSM5D3A151R Datasheet
95Kb / 1P
   Tpower 10mm Warm White LED
OSM5D35141R OPTOSUPPLY-OSM5D35141R Datasheet
96Kb / 1P
   Tpower 5mm Warm White LED
OSM5XL5141R OPTOSUPPLY-OSM5XL5141R Datasheet
97Kb / 1P
   Tpower 5mm Warm White LED
OSM5XLA151R OPTOSUPPLY-OSM5XLA151R Datasheet
100Kb / 1P
   Tpower 10mm Warm White LED
OSW5D38A61R OPTOSUPPLY-OSW5D38A61R Datasheet
97Kb / 1P
   Tpower 8mm Pure White LED
OSW5XL8A61R OPTOSUPPLY-OSW5XL8A61R Datasheet
99Kb / 1P
   Tpower 8mm Pure White LED
OSM5XL56E1R OPTOSUPPLY-OSM5XL56E1R Datasheet
98Kb / 1P
   Tpower 4.8mm Straw Warm White LED
OSM5D356E1R OPTOSUPPLY-OSM5D356E1R Datasheet
97Kb / 1P
   Tpower 4.8mm Straw Warm White LED
OSM5DL8131A OPTOSUPPLY-OSM5DL8131A Datasheet
96Kb / 1P
   8mm Round Warm White LED
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com