Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-9N Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

H-9N Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # H-9N
Download  H-9N Download

File Size   60.66 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Hybrid Junction, 2 MHz - 2 GHz

H-9N Datasheet (PDF)

Go To PDF Page Download Datasheet
H-9N Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # H-9N
Download  H-9N Click to download

File Size   60.66 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Hybrid Junction, 2 MHz - 2 GHz

H-9N Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

H-9N Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. H-9N Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.

H-9N Product details

Features
• 0° - 180° Hybrid with 10 Octave Bandwidth
• 30 dB Minimum Isolation
• Low VSWR
• Impedance: 50 Ohms Nom.
• Input Power:
   2-20 MHz: 5 W. Max
   20-2000 MHz: 25 W. Max
• MIL-STD_883 Screening Available




Similar Part No. - H-9N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H-9N MACOM-H-9N Datasheet
176Kb / 2P
   Hybrid Junction, 2 MHz - 2 GHz
More results


Similar Description - H-9N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H-9 MACOM-H-9 Datasheet
176Kb / 2P
   Hybrid Junction, 2 MHz - 2 GHz
logo
M/A-COM Technology Solu...
HH-106_107 MA-COM-HH-106_107 Datasheet
70Kb / 2P
   180o Hybrid Junction, 2 - 200 MHz
logo
Tyco Electronics
HH-106 MACOM-HH-106_1 Datasheet
115Kb / 2P
   180 Hybrid Junction, 2 - 200 MHz
logo
M/A-COM Technology Solu...
HH-106 MA-COM-HH-106 Datasheet
70Kb / 2P
   180쨘 Hybrid Junction, 2 - 200 MHz
logo
Tyco Electronics
H-183-4 MACOM-H-183-4 Datasheet
104Kb / 2P
   Microwave Hybrid Junction 30 MHz - 3 GHz
H-183-4 MACOM-H-183-4_1 Datasheet
171Kb / 2P
   Microwave Hybrid Junction 30 MHz - 3 GHz
logo
M/A-COM Technology Solu...
H-183-4 MA-COM-H-183-4 Datasheet
104Kb / 2P
   Microwave Hybrid Junction, 30 MHz - 3 GHz
logo
Tyco Electronics
H-1-4 MACOM-H-1-4 Datasheet
102Kb / 1P
   UHF Hybrid Junction 5 MHz - 1 GHz
JH-6-4 MACOM-JH-6-4 Datasheet
172Kb / 2P
   Quadrature Hybrid, 2 - 32 MHz
logo
M/A-COM Technology Solu...
JH-6-4 MA-COM-JH-6-4 Datasheet
69Kb / 2P
   Quadrature Hybrid, 2 - 32 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com