Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25AA160C Datasheet (PDF) - Microchip Technology

25AA160C Datasheet PDF - Microchip Technology
Part # 25AA160C
Download  25AA160C Download

File Size   508.29 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16K SPI Bus Serial EEPROM

25AA160C Datasheet (PDF)

Go To PDF Page Download Datasheet
25AA160C Datasheet PDF - Microchip Technology

Part # 25AA160C
Download  25AA160C Click to download

File Size   508.29 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16K SPI Bus Serial EEPROM

25AA160C Datasheet (HTML) - Microchip Technology

Back Button 25AA160C Datasheet HTML 1Page - Microchip Technology 25AA160C Datasheet HTML 2Page - Microchip Technology 25AA160C Datasheet HTML 3Page - Microchip Technology 25AA160C Datasheet HTML 4Page - Microchip Technology 25AA160C Datasheet HTML 5Page - Microchip Technology 25AA160C Datasheet HTML 6Page - Microchip Technology 25AA160C Datasheet HTML 7Page - Microchip Technology 25AA160C Datasheet HTML 8Page - Microchip Technology 25AA160C Datasheet HTML 9Page - Microchip Technology 25AA160C Datasheet HTML 10Page - Microchip Technology Next Button 

25AA160C Product details

Description:
The Microchip Technology Inc. 25AA160C/D, 25LC160C/D (25XX160C/D*) are 16 Kbit Serial Electrically Erasable PROMs. The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a Chip Select (CS) input.

Features:
• Max. Clock 10 MHz
• Low-Power CMOS Technology:
    - Max. write current: 5 mA at 5.5V
    - Read current: 5 mA at 5.5V, 10 MHz
    - Standby current: 5 uA at 5.5V
• 2048 x 8-bit Organization
• 16-Byte Page (‘C’ version devices)
• 32-Byte Page (‘D’ version devices)
• Self-Timed Erase and Write Cycles (5 ms max.)
• Block Write Protection:
    - Protect none, 1/4, 1/2 or all of array
• Built-In Write Protection:
    - Power-on/off data protection circuitry
    - Write enable latch
    - Write-protect pin
• Sequential Read
• High Reliability:
    - Endurance: > 1M erase/write cycles
    - Data retention: > 200 years
    - ESD protection: > 4000V
• Temperature Ranges Supported:
• Pb-Free and RoHS Compliant
    - Industrial (I): -40C to +85C
    - Automotive (E): -40°C to +125°C




Similar Part No. - 25AA160C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA160C MICROCHIP-25AA160C Datasheet
990Kb / 34P
   16K SPI Bus Serial EEPROM
11/29/12
25AA160C MICROCHIP-25AA160C_12 Datasheet
990Kb / 34P
   16K SPI Bus Serial EEPROM
11/29/12
More results


Similar Description - 25AA160C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
25C160 MICROCHIP-25C160 Datasheet
241Kb / 22P
   16K SPI Bus Serial EEPROM
07/12/04
25AA160 MICROCHIP-25AA160_13 Datasheet
327Kb / 22P
   16K SPI Bus Serial EEPROM
10/26/12
25LC160A MICROCHIP-25LC160A Datasheet
521Kb / 24P
   16K SPI Bus Serial EEPROM
2003
25AA160C MICROCHIP-25AA160C_12 Datasheet
990Kb / 34P
   16K SPI Bus Serial EEPROM
11/29/12
25AA160 MICROCHIP-25AA160 Datasheet
320Kb / 22P
   16K SPI Bus Serial EEPROM
2004
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
   8K/16K 1.8V SPI Bus Serial EEPROM
1996
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
   8K/16K 5.0V SPI Bus Serial EEPROM
1996
25LC080 MICROCHIP-25LC080 Datasheet
86Kb / 12P
   8K/16K 2.5V SPI O Bus Serial EEPROM
1996
logo
Fairchild Semiconductor
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com