Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11-MD123 Datasheet (PDF) - Silicon Touch Technology Inc.

11-MD123 Datasheet PDF - Silicon Touch Technology Inc.
Part # 11-MD123
Download  11-MD123 Download

File Size   245.35 Kbytes
Page   8 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description Low-saturation, Low-voltage Bi-directional Motor Driver

11-MD123 Datasheet (PDF)

Go To PDF Page Download Datasheet
11-MD123 Datasheet PDF - Silicon Touch Technology Inc.

Part # 11-MD123
Download  11-MD123 Click to download

File Size   245.35 Kbytes
Page   8 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description Low-saturation, Low-voltage Bi-directional Motor Driver

11-MD123 Datasheet (HTML) - Silicon Touch Technology Inc.

11-MD123 Datasheet HTML 1Page - Silicon Touch Technology Inc. 11-MD123 Datasheet HTML 2Page - Silicon Touch Technology Inc. 11-MD123 Datasheet HTML 3Page - Silicon Touch Technology Inc. 11-MD123 Datasheet HTML 4Page - Silicon Touch Technology Inc. 11-MD123 Datasheet HTML 5Page - Silicon Touch Technology Inc. 11-MD123 Datasheet HTML 6Page - Silicon Touch Technology Inc. 11-MD123 Datasheet HTML 7Page - Silicon Touch Technology Inc. 11-MD123 Datasheet HTML 8Page - Silicon Touch Technology Inc.

11-MD123 Product details

General Specifications

The device is a two-channel low-saturation bi-directional motor driver IC. The design is optimal for stepper-motor applications, such as cameras, printers, FDDs, or other portable devices.



Features and Benefits

Low voltage operation ( VDD min = VS1 min = VS2 min  = 1.5V )

Low saturation voltage ( Upper transistor + low transistor residual voltage; 0.5V typ. at 400mA)

Parallel connection ( two-channel driver: Upper transistor + low transistor residual; 0.6V yp. at 800mA )

Separate control logic power supply and motor driver power supply

Brake function

High output sinking and driving capability

SOP14 / DIP-14 package 



 




Similar Part No. - 11-MD123

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
11-MD124 SITI-11-MD124 Datasheet
244Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD125 SITI-11-MD125 Datasheet
254Kb / 12P
   2 Channel Low Saturation & Constant Current DC Motor Driver
11-MD127 SITI-11-MD127 Datasheet
230Kb / 10P
   Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
More results


Similar Description - 11-MD123

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
   Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
ST1152A SITI-ST1152A Datasheet
233Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155B SITI-ST1155B Datasheet
257Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
   Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD124 SITI-11-MD124 Datasheet
244Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155A SITI-ST1155A Datasheet
282Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
logo
List of Unclassifed Man...
ST1151A ETC-ST1151A Datasheet
250Kb / 6P
   Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
logo
Silicon Touch Technolog...
ST1153A SITI-ST1153A Datasheet
275Kb / 7P
   Low-saturation, Low-voltage Bi-directional Multi-Channels Motor Driver
logo
Unisonic Technologies
UH251 UTC-UH251 Datasheet
111Kb / 4P
   LOW-SATURATION, LOW-VOLTAGE 1.5 CHANNEL BI-DIRECTIONAL MOTOR DRIVER
logo
Global Mixed-mode Techn...
G2006 GMT-G2006 Datasheet
41Kb / 1P
   Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com