Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMSR1-781.8Z Datasheet (PDF) - AIMTEC

AMSR1-781.8Z Datasheet PDF - AIMTEC
Part # AMSR1-781.8Z
Download  AMSR1-781.8Z Download

File Size   258.9 Kbytes
Page   3 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description Up to 5 Watt | DC-DC Converter

AMSR1-781.8Z Datasheet (PDF)

Go To PDF Page Download Datasheet
AMSR1-781.8Z Datasheet PDF - AIMTEC

Part # AMSR1-781.8Z
Download  AMSR1-781.8Z Click to download

File Size   258.9 Kbytes
Page   3 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description Up to 5 Watt | DC-DC Converter

AMSR1-781.8Z Datasheet (HTML) - AIMTEC

AMSR1-781.8Z Datasheet HTML 1Page - AIMTEC AMSR1-781.8Z Datasheet HTML 2Page - AIMTEC AMSR1-781.8Z Datasheet HTML 3Page - AIMTEC

AMSR1-781.8Z Product details

FEATURES:
• 3 Pin SIP package
• Non-isolated regulated output
• Short circuit protection
• Pin-out compatible with LM78XX Linear Regulators
• No heatsink required
• Operating temperature -40°C to +85°C
• High efficiency Up To 94%
• Low ripple and noise




Similar Part No. - AMSR1-781.8Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR1-781.8Z AIMTEC-AMSR1-781.8Z Datasheet
130Kb / 3P
   Up to 5 Watt | DC-DC Converter
AMSR1-781.8Z AIMTEC-AMSR1-781.8Z Datasheet
109Kb / 3P
   Up to 5 Watt | DC-DC Switching Regulator
AMSR1-781.8Z AIMTEC-AMSR1-781.8Z Datasheet
278Kb / 3P
   Up to 5 Watt | DC-DC Switching Regulator
More results


Similar Description - AMSR1-781.8Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR1-78Z AIMTEC-AMSR1-78Z_1 Datasheet
130Kb / 3P
   Up to 5 Watt | DC-DC Converter
logo
DATEL, Inc.
AT45D15-0.5 DATEL-AT45D15-0.5 Datasheet
1Mb / 15P
   Up to 15 Watt DC-DC Converter
FBSERIES DATEL-FBSERIES Datasheet
1Mb / 17P
   Up to 600 Watt DC-DC Converter
logo
AIMTEC
AMPL-UZ10A AIMTEC-AMPL-UZ10A Datasheet
609Kb / 9P
   Up to 50 Watt | DC-DC Converter
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ Datasheet
235Kb / 3P
   Up to 12 Watt | DC-DC Converter
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ Datasheet
252Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
logo
DATEL, Inc.
AT45D15-1 DATEL-AT45D15-1 Datasheet
1Mb / 16P
   Up to 30 Watt DC-DC Converter
logo
AIMTEC
AMPL-UZ16A AIMTEC-AMPL-UZ16A Datasheet
595Kb / 9P
   Up to 80 Watt | DC-DC Converter
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_1 Datasheet
304Kb / 4P
   Up to 7.5 Watt | DC-DC Converter
AMSRW-78Z AIMTEC-AMSRW-78Z Datasheet
294Kb / 3P
   Up to 7.5 Watt | DC-DC Converter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com