Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1581-7 Datasheet (PDF) - Pomona Electronics

1581-7 Datasheet PDF - Pomona Electronics
Part # 1581-7
Download  1581-7 Download

File Size   26.21 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Panel Mount Banana Jack

1581-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
1581-7 Datasheet PDF - Pomona Electronics

Part # 1581-7
Download  1581-7 Click to download

File Size   26.21 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Panel Mount Banana Jack

1581-7 Datasheet (HTML) - Pomona Electronics

1581-7 Datasheet HTML 1Page - Pomona Electronics

1581-7 Product details

FEATURES:
● Banana Jacks mount into panels ranging in thickness from .063 (1.6mm) to .375 (9.5mm).
● Model 4900 features Polypenylene Sulfide for high temperature applications.
● Model 2854 features gold plated body for optimum electrical connection.
● Model 1581 features bright tin plating




Similar Part No. - 1581-7

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1581 HAMMOND-1581 Datasheet
47Kb / 1P
   230VAC / 10A IEC Heavy Duty Outlet Strip
logo
Pomona Electronics
1581 POMONA-1581 Datasheet
161Kb / 1P
   Panel Mount Banana Jack
2016
logo
PHOENIX CONTACT
1581010 PHOENIX-1581010 Datasheet
66Kb / 3P
   Adapter - DC-B 6-ADP-4M12-FS-5CON-7X4-UT
1581023 PHOENIX-1581023 Datasheet
142Kb / 5P
   DC-B 6-SET-TB-M20-M-7X4-UT
logo
Adels-Contact
158103 ADELS-158103 Datasheet
124Kb / 1P
   LEDtrack TAP/11-3 fix
More results


Similar Description - 1581-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-P2854-0 ETC2-BU-P2854-0 Datasheet
193Kb / 1P
   Banana Jack (Panel mount)
logo
Pomona Electronics
1581 POMONA-1581_V01 Datasheet
161Kb / 1P
   Panel Mount Banana Jack
2016
6387 POMONA-6387 Datasheet
147Kb / 1P
   Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
6387-ST-T-0 POMONA-6387-ST-T-0 Datasheet
47Kb / 2P
   Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
5931 POMONA-5931 Datasheet
70Kb / 1P
   Panel Mount 4mm Banana Jack For Sheathed Plugs
logo
List of Unclassifed Man...
BU-P5168-0 ETC2-BU-P5168-0 Datasheet
203Kb / 1P
   Banana Jack
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
   4mm banana jack to 2mm banana jack adapter
logo
Pomona Electronics
72916 POMONA-72916 Datasheet
129Kb / 1P
   4mm Banana Jack to 2mm Banana Jack Adapter
logo
Adam Technologies, Inc.
BJ-001-XX ADAM-TECH-BJ-001-XX Datasheet
57Kb / 1P
   2.0 BANANA JACK
logo
List of Unclassifed Man...
BU-00233-0 ETC2-BU-00233-0 Datasheet
51Kb / 1P
   Insulated Banana Jack
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com