Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5249 Datasheet (PDF) - Zowie Technology Corporation

1N5249 Datasheet PDF - Zowie Technology Corporation
Part # 1N5249
Download  1N5249 Download

File Size   124.48 Kbytes
Page   3 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SILICON PLANAR ZENER DIODES

1N5249 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5249 Datasheet PDF - Zowie Technology Corporation

Part # 1N5249
Download  1N5249 Click to download

File Size   124.48 Kbytes
Page   3 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SILICON PLANAR ZENER DIODES

1N5249 Datasheet (HTML) - Zowie Technology Corporation

1N5249 Datasheet HTML 1Page - Zowie Technology Corporation 1N5249 Datasheet HTML 2Page - Zowie Technology Corporation 1N5249 Datasheet HTML 3Page - Zowie Technology Corporation

1N5249 Product details

SILICON PLANAR ZENER DIODES
   
Standard Zener voltage tolerance is ± 20%.
Add suffix "A" for ± 10% Tolerance, suffix
"B" for ± 5% tolerance, suffix "C" for ± 2%
tolerance, Other tolerance, non standard
and higher Zener voltages are upon request.
   




Similar Part No. - 1N5249

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5249 SURGE-1N5249 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Jinan Jingheng (Group) ...
1N5249 JINANJINGHENG-1N5249 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5249 HORNBY-1N5249 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5249 SEME-LAB-1N5249 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Micro Commercial Compon...
1N5249 MCC-1N5249 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results


Similar Description - 1N5249

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com