Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX79C5V1 Datasheet (PDF) - Shanghai Lunsure Electronic Tech

BZX79C5V1 Datasheet PDF - Shanghai Lunsure Electronic Tech
Part # BZX79C5V1
Download  BZX79C5V1 Download

File Size   97.93 Kbytes
Page   4 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description 500mW Silicon Zener Diodes

BZX79C5V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX79C5V1 Datasheet PDF - Shanghai Lunsure Electronic Tech

Part # BZX79C5V1
Download  BZX79C5V1 Click to download

File Size   97.93 Kbytes
Page   4 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description 500mW Silicon Zener Diodes

BZX79C5V1 Datasheet (HTML) - Shanghai Lunsure Electronic Tech

BZX79C5V1 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech BZX79C5V1 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech BZX79C5V1 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech BZX79C5V1 Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech

BZX79C5V1 Product details

Features
● Zener Voltage Range 2.4V to 33V
● Metallurgical Bonded C onstrrction
● Double Slug Type Construction




Similar Part No. - BZX79C5V1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C5V1 FAIRCHILD-BZX79C5V1 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Taiwan Semiconductor Co...
BZX79C5V1 TSC-BZX79C5V1 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
logo
Fairchild Semiconductor
BZX79C5V1 FAIRCHILD-BZX79C5V1 Datasheet
47Kb / 5P
   Zeners
logo
Continental Device Indi...
BZX79C5V1 CDIL-BZX79C5V1 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
Fairchild Semiconductor
BZX79C5V1 FAIRCHILD-BZX79C5V1 Datasheet
47Kb / 5P
   Zeners
More results


Similar Description - BZX79C5V1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com