Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCD32H Datasheet (PDF) - Zowie Technology Corporation

SCD32H Datasheet PDF - Zowie Technology Corporation
Part # SCD32H
Download  SCD32H Download

File Size   202.09 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description Schottky Barrier Diode

SCD32H Datasheet (PDF)

Go To PDF Page Download Datasheet
SCD32H Datasheet PDF - Zowie Technology Corporation

Part # SCD32H
Download  SCD32H Click to download

File Size   202.09 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description Schottky Barrier Diode

SCD32H Datasheet (HTML) - Zowie Technology Corporation

SCD32H Datasheet HTML 1Page - Zowie Technology Corporation SCD32H Datasheet HTML 2Page - Zowie Technology Corporation

SCD32H Product details

FEATURES
* Halogen-free type
* Compliance to RoHS product
* Lead less chip form, no lead damage
* Low power loss, High efficiency
* High current capability, low VF
* Plastic package has Underwriters Laboratory Flammability
   Classification 94V-0

APPLICATION
* Switching mode power supply applications
* Portable equipment battery applications
* High frequency rectification
* DC / DC Converter
* Telecommunication

MECHANICAL DATA
   Case : Packed with FRP substrate and epoxy underfilled
   Terminals : Pure Tin plated (Lead-Free),
      solderable per MIL-STD-750, Method 2026.
   Polarity : Laser Cathode band marking
   Weight : 0.02 gram




Similar Part No. - SCD32H

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SCD32 ZOWIE-SCD32 Datasheet
46Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Kexin Industr...
SCD32 KEXIN-SCD32 Datasheet
39Kb / 1P
   Surface Mount Schottky Barrier Rectifiier
logo
SeCoS Halbleitertechnol...
SCD32 SECOS-SCD32 Datasheet
268Kb / 2P
   VOLTAGE 20V ~ 60V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Zowie Technology Corpor...
SCD320H ZOWIE-SCD320H Datasheet
195Kb / 2P
   Schottky Barrier Diode
SCD320H ZOWIE-SCD320H Datasheet
195Kb / 2P
   Schottky Barrier Diode
More results


Similar Description - SCD32H

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com