FEATURES * Halogen-free type * Lead free product, compliance to RoHS * GPRC (Glass passivated rectifier chip) inside * Glass passivated cavity-free junction * Lead less chip form, no lead damage * Low power loss, high efficiency * For surface mounted applications * Plastic package has Underwriters Laboratory Flammability Classification 94V-0 APPLICATION * General purpose rectification * Surge absorption MECHANICAL DATA Case : Packed with FRP substrate and epoxy underfilled Terminals : Pure Tin plated (Lead-Free), solderable per MIL-STD-750, Method 2026. Polarity : Laser Cathode band marking Weight : 0.012 gram
|