Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ90C Datasheet (PDF) - Shanghai Lunsure Electronic Tech

P4SMAJ90C Datasheet PDF - Shanghai Lunsure Electronic Tech
Part # P4SMAJ90C
Download  P4SMAJ90C Download

File Size   422.76 Kbytes
Page   6 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description 400Watt transient voltage suppressors 5.0to170 volts

P4SMAJ90C Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMAJ90C Datasheet PDF - Shanghai Lunsure Electronic Tech

Part # P4SMAJ90C
Download  P4SMAJ90C Click to download

File Size   422.76 Kbytes
Page   6 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description 400Watt transient voltage suppressors 5.0to170 volts

P4SMAJ90C Datasheet (HTML) - Shanghai Lunsure Electronic Tech

P4SMAJ90C Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech P4SMAJ90C Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech P4SMAJ90C Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech P4SMAJ90C Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech P4SMAJ90C Datasheet HTML 5Page - Shanghai Lunsure Electronic Tech P4SMAJ90C Datasheet HTML 6Page - Shanghai Lunsure Electronic Tech

P4SMAJ90C Product details

Features
• For Surface Mount Applications
• Unidirectional And Bidirectional
• Low Inductance
• High Temp Soldering: 250°C for 10 Seconds At Terminals
• For Bidirectional Devices Add “C” To The Suffix Of The Part
   Number: i.e. P4SMAJ5.0C or P4SMAJ5.0CA for 5% Tolerance
•  P4SMAJ5.0~P4SMAJ170CA also can be named as
   SMAJ5.0~SMAJ170CA and have the same electrical spec .




Similar Part No. - P4SMAJ90C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ90C PANJIT-P4SMAJ90C Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Surge Components
P4SMAJ90C SURGE-P4SMAJ90C Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Transys Electronics
P4SMAJ90C TRSYS-P4SMAJ90C Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ90C WTE-P4SMAJ90C Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4SMAJ90C PANJIT-P4SMAJ90C Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - P4SMAJ90C

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
P4KE6.8 CHENYI-P4KE6.8 Datasheet
70Kb / 3P
   400 Watt Transient voltage suppressors 6.8to400 volts
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com