Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP15 Datasheet (PDF) - GOOD-ARK Electronics

3KP15 Datasheet PDF - GOOD-ARK Electronics
Part # 3KP15
Download  3KP15 Download

File Size   161.06 Kbytes
Page   4 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V

3KP15 Datasheet (PDF)

Go To PDF Page Download Datasheet
3KP15 Datasheet PDF - GOOD-ARK Electronics

Part # 3KP15
Download  3KP15 Click to download

File Size   161.06 Kbytes
Page   4 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V

3KP15 Datasheet (HTML) - GOOD-ARK Electronics

3KP15 Datasheet HTML 1Page - GOOD-ARK Electronics 3KP15 Datasheet HTML 2Page - GOOD-ARK Electronics 3KP15 Datasheet HTML 3Page - GOOD-ARK Electronics 3KP15 Datasheet HTML 4Page - GOOD-ARK Electronics

3KP15 Product details

Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V

Features
◆ Plastic package has Underwriters Laboratory Flammability
   Classification 94V-O
◆ Glass passivated chip junction in P-600/R-6 package
◆ 3000W Peak Pulse Power capability at on 10/1000uS waveform
◆ Excellent clamping capability
◆ Low zener impedance
◆ Repetition rate(Duty Cycle):.05%
◆ Fast response time: typically less
   than 1.0 ps from 0 volts to BV min
◆ Typical IR less than 1uA above 10V
◆ High temperature soldering guaranteed: 260oC/10 seconds/
   .375",(9.5mm) lead length/5lbs., (2.3kg) tension




Similar Part No. - 3KP15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP15 PANJIT-3KP15 Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Socay Electornics Co., ...
3KP15 SOCAY-3KP15 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Surge Components
3KP15 SURGE-3KP15 Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Pan Jit International I...
3KP15 PANJIT-3KP15 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Won-Top Electronics
3KP15 WTE-3KP15 Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
More results


Similar Description - 3KP15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
SA5.0 GOOD-ARK-SA5.0_15 Datasheet
410Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 500W Stand Off Voltage 5.0 to 180V
SMCJ5.0 GOOD-ARK-SMCJ5.0_15 Datasheet
204Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Stand-off Voltage 5.0 to 440V
logo
Nanjing International G...
F2TVS5.0A DGNJDZ-F2TVS5.0A Datasheet
718Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com