Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE30 Datasheet (PDF) - GOOD-ARK Electronics

1.5KE30 Datasheet PDF - GOOD-ARK Electronics
Part # 1.5KE30
Download  1.5KE30 Download

File Size   626.02 Kbytes
Page   6 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V

1.5KE30 Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE30 Datasheet PDF - GOOD-ARK Electronics

Part # 1.5KE30
Download  1.5KE30 Click to download

File Size   626.02 Kbytes
Page   6 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V

1.5KE30 Datasheet (HTML) - GOOD-ARK Electronics

1.5KE30 Datasheet HTML 1Page - GOOD-ARK Electronics 1.5KE30 Datasheet HTML 2Page - GOOD-ARK Electronics 1.5KE30 Datasheet HTML 3Page - GOOD-ARK Electronics 1.5KE30 Datasheet HTML 4Page - GOOD-ARK Electronics 1.5KE30 Datasheet HTML 5Page - GOOD-ARK Electronics 1.5KE30 Datasheet HTML 6Page - GOOD-ARK Electronics

1.5KE30 Product details

Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V

Features
● Plastic package has Underwriters Laboratory Flammability
   Classification 94V-0
● Glass passivated junction
● 1500W peak pulse power capabililty on 10/1000us waveform,
   repetition rate (duty cycle): 0.05%
● Excellent clamping capability
● Low incremental surge resistance
● Very fast response time
● High temperature soldering guaranteed: 265°C/10 seconds,
   0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
● Includes 1N6267 thru 1N6303A




Similar Part No. - 1.5KE30

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1.5KE30 NJSEMI-1.5KE30 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
1.5KE30 TRSYS-1.5KE30 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
1.5KE30 DIOTEC-1.5KE30 Datasheet
151Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5KE30 WTE-1.5KE30 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Pan Jit International I...
1.5KE30 PANJIT-1.5KE30 Datasheet
104Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
November 15,2012-REV.04
More results


Similar Description - 1.5KE30

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
1.5KE6.8 FS-1.5KE6.8 Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com