Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1438 Datasheet (PDF) - Analog Devices

ADG1438 Datasheet PDF - Analog Devices
Part # ADG1438
Download  ADG1438 Download

File Size   605.53 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches

ADG1438 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1438 Datasheet PDF - Analog Devices

Part # ADG1438
Download  ADG1438 Click to download

File Size   605.53 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches

ADG1438 Datasheet (HTML) - Analog Devices

Back Button ADG1438 Datasheet HTML 1Page - Analog Devices ADG1438 Datasheet HTML 2Page - Analog Devices ADG1438 Datasheet HTML 3Page - Analog Devices ADG1438 Datasheet HTML 4Page - Analog Devices ADG1438 Datasheet HTML 5Page - Analog Devices ADG1438 Datasheet HTML 6Page - Analog Devices ADG1438 Datasheet HTML 7Page - Analog Devices ADG1438 Datasheet HTML 8Page - Analog Devices ADG1438 Datasheet HTML 9Page - Analog Devices ADG1438 Datasheet HTML 10Page - Analog Devices Next Button 

ADG1438 Product details

GENERAL DESCRIPTION

The ADG1438 and ADG1439 are CMOS analog matrix switches with a serially controlled 3-wire interface. The ADG1438 is an 8-channel matrix switch, and the ADG1439 is a dual 4-channel matrix switch.

The ADG1438/ADG1439 use a versatile 3-wire serial interface that operates at clock rates of up to 50 MHz and is compatible with standard SPI, QSPI™, MICROWIRE™, and DSP interface standards. The output of the shift register, SDO, enables a number of the ADG1438/ADG1439 parts to be daisy-chained. On power-up, the internal shift register contains all zeros, and all switches are in the off state.



FEATURES

Serial interface up to 50 MHz

SDO daisy-chaining option

9.5 Ω on resistance @ 25°C

1.6 Ω on-resistance flatness

Fully specified at ±15 V/+12 V/±5 V

3 V logic-compatible inputs

Rail-to-rail operation

20-lead TSSOP and 20-lead ,4 mm × 4 mm LFCSP packages



APPLICATIONS

Relay replacement

Audio and video routing

Automatic test equipment

Data acquisition systems

Temperature measurement systems

Avionics

Battery-powered systems

Communication systems

Medical equipment




Similar Part No. - ADG1438

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL AD-ADG1433YCPZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL7 AD-ADG1433YCPZ-REEL7 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ AD-ADG1433YRUZ Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ-REEL AD-ADG1433YRUZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
More results


Similar Description - ADG1438

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com