Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H20CA3 Datasheet (PDF) - MMD Components

H20CA3 Datasheet PDF - MMD Components
Part # H20CA3
Download  H20CA3 Download

File Size   87.49 Kbytes
Page   1 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description 6.0mm x 3.5 mm x1.2mm Ceramic Package

H20CA3 Datasheet (PDF)

Go To PDF Page Download Datasheet
H20CA3 Datasheet PDF - MMD Components

Part # H20CA3
Download  H20CA3 Click to download

File Size   87.49 Kbytes
Page   1 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description 6.0mm x 3.5 mm x1.2mm Ceramic Package

H20CA3 Datasheet (HTML) - MMD Components

H20CA3 Datasheet HTML 1Page - MMD Components



Similar Part No. - H20CA3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H20 MCC-H20 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
logo
Entegris, Inc
H20 ENTEGRIS-H20 Datasheet
84Kb / 5P
   Through holes are square or rectangular with a width and a height
logo
Sensata Technologies, I...
H20 SENSATA-H20 Datasheet
531Kb / 9P
   INCREMENTAL ENCODER
logo
Entegris, Inc
H20-02-1201 ENTEGRIS-H20-02-1201 Datasheet
284Kb / 5P
   H20 Series Covers
H20-02-1216 ENTEGRIS-H20-02-1216 Datasheet
284Kb / 5P
   H20 Series Covers
More results


Similar Description - H20CA3

ManufacturerPart #DatasheetDescription
logo
MMD Components
ISAA1 MMD-ISAA1 Datasheet
83Kb / 1P
   6.0mm x 3.5 mm 2 Pads Ceramic Package
logo
Panasonic Semiconductor
EVQ-PJX05M PANASONIC-EVQ-PJX05M Datasheet
270Kb / 5P
   6.0mm x 3.5 mm Square Light Touch Switches
logo
ILSI America LLC
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX08 ILSI-ILCX08 Datasheet
53Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
logo
Fox Electronics
C6AS FOX-C6AS Datasheet
192Kb / 3P
   6.0mm x 3.5mm Ceramic SMD Crystal
logo
CTS Corporation
406 CTS-406 Datasheet
149Kb / 4P
   3.5 x 6.0 mm Ceramic - SM Crystal
logo
STANLEY ELECTRIC CO.,LT...
KW1305A STANLEY-KW1305A Datasheet
295Kb / 13P
   3.5 x 3.5 mm (h=1.6 mm) Type White LED
SW1305A STANLEY-SW1305A Datasheet
311Kb / 14P
   3.5 x 3.5 mm (h=1.6 mm) Type White LED
logo
EUROQUARTZ limited
MFCRYSTALS EUROQUARTZ-MFCRYSTALS Datasheet
110Kb / 1P
   Miniature size: 6.0mm x 3.5mm height
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com