Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS-35-48 Datasheet (PDF) - RSG Electronic Components GmbH

RS-35-48 Datasheet PDF - RSG Electronic Components GmbH
Part # RS-35-48
Download  RS-35-48 Download

File Size   149.59 Kbytes
Page   2 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description 35W Single Output Switching Power Supply

RS-35-48 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS-35-48 Datasheet PDF - RSG Electronic Components GmbH

Part # RS-35-48
Download  RS-35-48 Click to download

File Size   149.59 Kbytes
Page   2 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description 35W Single Output Switching Power Supply

RS-35-48 Datasheet (HTML) - RSG Electronic Components GmbH

RS-35-48 Datasheet HTML 1Page - RSG Electronic Components GmbH RS-35-48 Datasheet HTML 2Page - RSG Electronic Components GmbH

RS-35-48 Product details


Features :
• Universal AC input / Full range
• Protections:Short circuit/Over load/Over voltage
• Cooling by free air convection
• LED indicator for power on
• 100% full load burn-in test
• All using 105°C long life electrolytic capacitors
• Withstand 300VAC surge input for 5 second
• High operating temperature up to 70
• Withstand 5G vibration test
• High efficiency, long life and high reliability
• 3 years warranty




Similar Part No. - RS-35-48

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35-48 ASTRODYNE-RS-35-48 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35-48 MEANWELL-RS-35-48 Datasheet
371Kb / 2P
   35W Single Output Switching Power Supply
RS-35-48 MEANWELL-RS-35-48 Datasheet
380Kb / 2P
   35W Single Output Switching Power Supply
More results


Similar Description - RS-35-48

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
SCP-35 MEANWELL-SCP-35_12 Datasheet
850Kb / 3P
   35W Single Output Switching Power Supply
LPV-35 MEANWELL-LPV-35_12 Datasheet
140Kb / 2P
   35W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35_12 Datasheet
686Kb / 2P
   35W Single Output Switching Power Supply
NES-35 MEANWELL-NES-35 Datasheet
221Kb / 2P
   35W Single Output Switching Power Supply
EPS-35 MEANWELL-EPS-35 Datasheet
195Kb / 2P
   35W Single Output Switching Power Supply
logo
Astrodyne Corporation
RS35 ASTRODYNE-RS35 Datasheet
294Kb / 4P
   35W Single Output Switching Power Supply
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com