Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1842A Datasheet (PDF) - Maxim Integrated Products

DS1842A Datasheet PDF - Maxim Integrated Products
Part # DS1842A
Download  DS1842A Download

File Size   145.2 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 76V, APD, Bias Output Stage with Current Monitoring

DS1842A Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1842A Datasheet PDF - Maxim Integrated Products

Part # DS1842A
Download  DS1842A Click to download

File Size   145.2 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 76V, APD, Bias Output Stage with Current Monitoring

DS1842A Datasheet (HTML) - Maxim Integrated Products

DS1842A Datasheet HTML 1Page - Maxim Integrated Products DS1842A Datasheet HTML 2Page - Maxim Integrated Products DS1842A Datasheet HTML 3Page - Maxim Integrated Products DS1842A Datasheet HTML 4Page - Maxim Integrated Products DS1842A Datasheet HTML 5Page - Maxim Integrated Products DS1842A Datasheet HTML 6Page - Maxim Integrated Products

DS1842A Product details

General Description

The DS1842A integrates the discrete high-voltage components necessary for avalanche photodiode (APD) bias and monitor applications. A switch FET and precision voltage-divider network are used in conjunction with an external DC-DC controller to create a boost DC-DC converter. A current clamp limits current through the APD and also features an external shutdown. The precision voltage-divider network is provided for precise control of the APD bias voltage. The device also includes a dual current mirror to monitor the APD current.



Features

♦76V Maximum Boost Voltage

♦Switch FET

♦Current Monitor with a Wide 1µA to 2mA Range,Fast 50ns Time Constant, and 10:1 and 5:1 Ratio

♦2mA Current Clamp with External Shutdown

♦Precision Voltage Feedback

♦Multiple External Filtering Options

♦3mm x 3mm, 14-Pin TDFN Package with Exposed Pad




Similar Part No. - DS1842A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
DS1842 MAXIM-DS1842 Datasheet
216Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 1; 3/11
DS1842N++ MAXIM-DS1842N+ Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
DS1842N++ MAXIM-DS1842N+ Datasheet
216Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 1; 3/11
DS1842N+R MAXIM-DS1842N+R Datasheet
216Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 1; 3/11
More results


Similar Description - DS1842A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1842 MAXIM-DS1842_11 Datasheet
216Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 1; 3/11
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
MAX15059 MAXIM-MAX15059 Datasheet
2Mb / 15P
   76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080_08 Datasheet
398Kb / 16P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
MAX4080 MAXIM-MAX4080_10 Datasheet
320Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
logo
Linear Technology
LT1166 LINER-LT1166_15 Datasheet
403Kb / 16P
   Power Output Stage Automatic Bias System
LT1166 LINER-LT1166 Datasheet
454Kb / 16P
   Power Output Stage Automatic Bias System
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com