Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1188 Datasheet (PDF) - Unisonic Technologies

L1188 Datasheet PDF - Unisonic Technologies
Part # L1188
Download  L1188 Download

File Size   152.47 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 800mA CMOS LDO

L1188 Datasheet (PDF)

Go To PDF Page Download Datasheet
L1188 Datasheet PDF - Unisonic Technologies

Part # L1188
Download  L1188 Click to download

File Size   152.47 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 800mA CMOS LDO

L1188 Datasheet (HTML) - Unisonic Technologies

L1188 Datasheet HTML 1Page - Unisonic Technologies L1188 Datasheet HTML 2Page - Unisonic Technologies L1188 Datasheet HTML 3Page - Unisonic Technologies L1188 Datasheet HTML 4Page - Unisonic Technologies L1188 Datasheet HTML 5Page - Unisonic Technologies L1188 Datasheet HTML 6Page - Unisonic Technologies

L1188 Product details

DESCRIPTION
As UTC LDO, the features of the UTC L1188 include low quiescent current and very low dropout voltage.
In order prevent form the bad operating conditions, there are internal thermal shutdown and current fold-back. For stably operation, the UTC L1188 should be connected to an output capacitance of 2.2μF or larger.
The UTC L1188 can be an ideal for battery applications, such as portable electronics, wireless devices, cordless phones, PC peripherals and battery powered widgets.

FEATURES
* Extra Low Dropout Voltage
* Output Current: 800mA (Guaranteed)
* Output Voltage Accuracy:±1.5%
* Quiescent Current: 30μA
* Internal Over-Temperature Shutdown
* With Current limiting
* Internal Short Circuit Current Fold-Back
* Pre-set Output Voltages In Factory
* Very Low Temperature Coefficient



Similar Part No. - L1188

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1188 UTC-L1188 Datasheet
152Kb / 6P
   800mA CMOS LDO
L1188 UTC-L1188 Datasheet
160Kb / 4P
   800mA CMOS LDO
L1188G-XX-AA3-A-R UTC-L1188G-XX-AA3-A-R Datasheet
152Kb / 6P
   800mA CMOS LDO
L1188G-XX-AA3-A-R UTC-L1188G-XX-AA3-A-R Datasheet
160Kb / 4P
   800mA CMOS LDO
L1188L-XX-AA3-A-R UTC-L1188L-XX-AA3-A-R Datasheet
160Kb / 4P
   800mA CMOS LDO
More results


Similar Description - L1188

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1188 UTC-L1188_10 Datasheet
152Kb / 6P
   800mA CMOS LDO
L1188 UTC-L1188_12 Datasheet
160Kb / 4P
   800mA CMOS LDO
logo
Analog Microelectronics
AME8847 AME-AME8847 Datasheet
169Kb / 12P
   800mA CMOS LDO
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
logo
Microchip Technology
TC1264 MICROCHIP-TC1264 Datasheet
448Kb / 12P
   800mA Fixed Output CMOS LDO
2002
logo
Will Semiconductor Ltd.
WL2803K WILLSEMI-WL2803K Datasheet
732Kb / 10P
   Ultra low dropout, 800mA, CMOS LDO
WL2803D WILLSEMI-WL2803D Datasheet
768Kb / 9P
   Ultra low dropout, 800mA, CMOS LDO
logo
ELM Technology Corporat...
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com