Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L11810 Datasheet (PDF) - Unisonic Technologies

L11810 Datasheet PDF - Unisonic Technologies
Part # L11810
Download  L11810 Download

File Size   150.06 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1A CMOS LOW DROPOUT VOLTAGE

L11810 Datasheet (PDF)

Go To PDF Page Download Datasheet
L11810 Datasheet PDF - Unisonic Technologies

Part # L11810
Download  L11810 Click to download

File Size   150.06 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1A CMOS LOW DROPOUT VOLTAGE

L11810 Datasheet (HTML) - Unisonic Technologies

L11810 Datasheet HTML 1Page - Unisonic Technologies L11810 Datasheet HTML 2Page - Unisonic Technologies L11810 Datasheet HTML 3Page - Unisonic Technologies L11810 Datasheet HTML 4Page - Unisonic Technologies L11810 Datasheet HTML 5Page - Unisonic Technologies L11810 Datasheet HTML 6Page - Unisonic Technologies

L11810 Product details

DESCRIPTION
As UTC LDO, the features of the UTC L11810 include low quiescent current and very low dropout voltage.
In order to prevent from the bad operating conditions, there are internal thermal shutdown and current fold-back. For stably operation, the UTC L11810 should be connected to an output capacitance of 2.2μF or larger.
The UTC L11810 is ideal for battery applications, such as portable electronics, wireless devices, cordless phones, PC peripherals and battery powered widgets

FEATURES
* Extra low dropout voltage
* Output current: 1A (guaranteed)
* Output voltage accuracy: ±1.5%
* Quiescent current: 30μA
* Internal Over-Temperature shutdown
* With Current limiting
* Internal short circuit current fold-back
* Pre-set output voltages in factory
* Very low temperature coefficient



Similar Part No. - L11810

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L11810 UTC-L11810 Datasheet
152Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810 Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810G-XX-AA3-A-R UTC-L11810G-XX-AA3-A-R Datasheet
152Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
L11810G-XX-AA3-A-R UTC-L11810G-XX-AA3-A-R Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810G-XX-AA3-D-R UTC-L11810G-XX-AA3-D-R Datasheet
152Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
More results


Similar Description - L11810

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L11810 UTC-L11810_10 Datasheet
152Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810_12 Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
logo
ON Semiconductor
NCP694 ONSEMI-NCP694_11 Datasheet
464Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
June, 2011 ??Rev. 2
NCP693 ONSEMI-NCP693 Datasheet
599Kb / 12P
   1A CMOS Low-Dropout Voltage Regulator
September, 2009 ??Rev. 0
NCP694 ONSEMI-NCP694 Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
logo
Analog Microelectronics
AME8827 AME-AME8827 Datasheet
161Kb / 16P
   Low Dropout 1A CMOS Regulator
logo
National Semiconductor ...
LP38690 NSC-LP38690 Datasheet
820Kb / 15P
   1A Low Dropout CMOS Linear Regulators
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com