Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L11815B Datasheet (PDF) - Unisonic Technologies

L11815B Datasheet PDF - Unisonic Technologies
Part # L11815B
Download  L11815B Download

File Size   167.65 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.5A CMOS LDO

L11815B Datasheet (PDF)

Go To PDF Page Download Datasheet
L11815B Datasheet PDF - Unisonic Technologies

Part # L11815B
Download  L11815B Click to download

File Size   167.65 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.5A CMOS LDO

L11815B Datasheet (HTML) - Unisonic Technologies

L11815B Datasheet HTML 1Page - Unisonic Technologies L11815B Datasheet HTML 2Page - Unisonic Technologies L11815B Datasheet HTML 3Page - Unisonic Technologies L11815B Datasheet HTML 4Page - Unisonic Technologies L11815B Datasheet HTML 5Page - Unisonic Technologies L11815B Datasheet HTML 6Page - Unisonic Technologies

L11815B Product details

DESCRIPTION
The UTC L11815B is a positive, linear regulator. One of its features is the very low quiescent current typically as low as 45μA and the dropout voltage is extremely low.
The internal circuit includes thermal shutdown and current fold-back mechanism to prevent device failure when the circuit is operated in the bad conditions.
In application, the UTC L11815B needs a low noise and regulated supply. For stability, the output capacitance value should be 4.7μF or more.
The UTC L11815B is an ideal for battery applications, such as instrumentations, portable electronics, wireless devices, cordless phones, PC peripherals, and battery powered widgets. The output voltage values are set during manufacturing and their accuracy is trimmed to within 1.5%.

FEATURES
* Quiescent current (45μA typ.)
* Accurate :±1.5%
* Very low dropout voltage
* Guaranteed 1.5A output
* Over-temperature shutdown
* With current limiting
* Short circuit current fold-back
* Power-saving shutdown mode
* Low temperature coefficient
* Halogen Free



Similar Part No. - L11815B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B Datasheet
189Kb / 6P
   1.5A CMOS LDO
L11815BG-XX-X-S08-R UTC-L11815BG-XX-X-S08-R Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_15 Datasheet
189Kb / 6P
   1.5A CMOS LDO
More results


Similar Description - L11815B

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
   1.5A CMOS LDO
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com