Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1281 Datasheet (PDF) - Toshiba Semiconductor

TA1281 Datasheet PDF - Toshiba Semiconductor
Part # TA1281
Download  TA1281 Download

File Size   376.67 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description UHF/VHF TUNER IC

TA1281 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA1281 Datasheet PDF - Toshiba Semiconductor

Part # TA1281
Download  TA1281 Click to download

File Size   376.67 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description UHF/VHF TUNER IC

TA1281 Datasheet (HTML) - Toshiba Semiconductor

Back Button TA1281 Datasheet HTML 1Page - Toshiba Semiconductor TA1281 Datasheet HTML 2Page - Toshiba Semiconductor TA1281 Datasheet HTML 3Page - Toshiba Semiconductor TA1281 Datasheet HTML 4Page - Toshiba Semiconductor TA1281 Datasheet HTML 5Page - Toshiba Semiconductor TA1281 Datasheet HTML 6Page - Toshiba Semiconductor TA1281 Datasheet HTML 7Page - Toshiba Semiconductor TA1281 Datasheet HTML 8Page - Toshiba Semiconductor TA1281 Datasheet HTML 9Page - Toshiba Semiconductor TA1281 Datasheet HTML 10Page - Toshiba Semiconductor Next Button 

TA1281 Product details

UHF / VHF TUNER IC

The TA1281F, TA1281FA, and TA1281FN are TV tuner ICs which integrate on a single chip IF amp, a mixer / oscillator for VHF band and cable TV, together with a mixer / oscillator for UHF band.
Supply voltage of 5V helps lower power dissipation from the set.
Compact 16-pin SSOP makes the tuner more compact.

FEATURES
● Supply voltage : 5V
● VHF, CATV bands : MIX · OSC
● UHF band : MIX · OSC
● Built-in IF amp
● IF unbalanced output
● Low power dissipation




Similar Part No. - TA1281

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1282A TAI-SAW-TA1282A Datasheet
405Kb / 7P
   SAW Filter 2332.5 MHz(BW 25MHz)
TA1282B TAI-SAW-TA1282B Datasheet
275Kb / 7P
   SAW Filter 2332.5 MHz(BW 25MHz) SMD 3.0횞3.0mm
logo
KEC(Korea Electronics)
TA1282N KEC-TA1282N Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
logo
Toshiba Semiconductor
TA1284 TOSHIBA-TA1284 Datasheet
316Kb / 9P
   UHF/VHF TUNER IC (LOW PHASE NOISE OSCILLATOR)
logo
TAI-SAW TECHNOLOGY CO.,...
TA1284A TAI-SAW-TA1284A Datasheet
363Kb / 8P
   SAW Filter 862 MHz
More results


Similar Description - TA1281

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2309B TEMIC-U2309B Datasheet
189Kb / 8P
   VHF/ UHF-Tuner-IC
logo
Toshiba Semiconductor
TA1231F TOSHIBA-TA1231F Datasheet
375Kb / 12P
   UHF/VHF TUNER IC
logo
TEMIC Semiconductors
U2305B TEMIC-U2305B Datasheet
202Kb / 8P
   VHF/ UHF-Tuner-IC
logo
Siemens Semiconductor G...
MTI3006X SIEMENS-MTI3006X Datasheet
327Kb / 14P
   VHF/UHF-Tuner IC
logo
TEMIC Semiconductors
U2320B TEMIC-U2320B Datasheet
159Kb / 7P
   VHF/UHF Tuner-IC
logo
Siemens Semiconductor G...
TUA2019-5X SIEMENS-TUA2019-5X Datasheet
447Kb / 15P
   VHF I / VHF II / UHF-Tuner IC
TUA2009X SIEMENS-TUA2009X Datasheet
576Kb / 16P
   VHF I / VHF II / UHF-Tuner IC
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com