Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM1117S-1.8TB3TG Datasheet (PDF) - Gamma Microelectronics Inc.

GM1117S-1.8TB3TG Datasheet PDF - Gamma Microelectronics Inc.
Part # GM1117S-1.8TB3TG
Download  GM1117S-1.8TB3TG Download

File Size   215.62 Kbytes
Page   15 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 1A LOW DROPOUT PRECISION VOLTAGE REGULATOR

GM1117S-1.8TB3TG Datasheet (PDF)

Go To PDF Page Download Datasheet
GM1117S-1.8TB3TG Datasheet PDF - Gamma Microelectronics Inc.

Part # GM1117S-1.8TB3TG
Download  GM1117S-1.8TB3TG Click to download

File Size   215.62 Kbytes
Page   15 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 1A LOW DROPOUT PRECISION VOLTAGE REGULATOR

GM1117S-1.8TB3TG Datasheet (HTML) - Gamma Microelectronics Inc.

Back Button GM1117S-1.8TB3TG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM1117S-1.8TB3TG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM1117S-1.8TB3TG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM1117S-1.8TB3TG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM1117S-1.8TB3TG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1117S-1.8TB3TG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1117S-1.8TB3TG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1117S-1.8TB3TG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1117S-1.8TB3TG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM1117S-1.8TB3TG Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button 

GM1117S-1.8TB3TG Product details

Description
The GM1117S is a positive low dropout regulator and is available in an adjustable version and fixed output voltage from 1.5V to 5.0V. All internal circuitry is designed to operate down to 800mV input to output differential and the dropout voltage is fully specified as a function of load current. On chip trimming adjusts the reference/output voltage to within ± 1%. Current limit is also trimmed in order to minimize the stress on both the regulator and the power source circuitry under overloaded conditions.

Features
◆ Adjustable or Fixed Output
◆ Output Current of 1.0A
◆ Dropout Voltage 1.5V max @ 1.0A
◆ Line Regulation 0.2% max.
◆ Load Regulation 0.4% max.
◆ Fast Transient Response
◆ Current Limit Protection
◆ Thermal Shutdown Protection




Similar Part No. - GM1117S-1.8TB3TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117S GAMMA-GM1117S Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
More results


Similar Description - GM1117S-1.8TB3TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117_1 Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1112 GAMMA-GM1112 Datasheet
81Kb / 8P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com