Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12RS153C Datasheet (PDF) - Murata Power Solutions Inc.

12RS153C Datasheet PDF - Murata Power Solutions Inc.
Part # 12RS153C
Download  12RS153C Download

File Size   132.32 Kbytes
Page   3 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Through Hole Radial Lead Shielded Inductors

12RS153C Datasheet (PDF)

Go To PDF Page Download Datasheet
12RS153C Datasheet PDF - Murata Power Solutions Inc.

Part # 12RS153C
Download  12RS153C Click to download

File Size   132.32 Kbytes
Page   3 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Through Hole Radial Lead Shielded Inductors

12RS153C Datasheet (HTML) - Murata Power Solutions Inc.

12RS153C Datasheet HTML 1Page - Murata Power Solutions Inc. 12RS153C Datasheet HTML 2Page - Murata Power Solutions Inc. 12RS153C Datasheet HTML 3Page - Murata Power Solutions Inc.

12RS153C Product details

DESCRIPTION
The 1200RS Series of inductors is suitable for power line fi ltering in low to medium current applications such as switching power supply circuits. The integral ferrite shield makes these devices ideal for protecting circuits susceptible to EMI.
For lower current versions with the same footprint see our 1200LRS Series.

FEATURES
■ RoHS compliant
■ Radial format
■ Integral EMI shield
■ Compact size
■ Up to 4.6A IDC
■ 10μH to 1mH
■ Low DC resistance
■ UL 94V-0 materials
■ Backward compatible with Sn/Pb soldering systems




Similar Part No. - 12RS153C

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
12R0J OHMITE-12R0J Datasheet
239Kb / 2P
   Power Chip짰 Thick Film on Alumina Substrate
logo
Solid States Devices, I...
12R3S SSDI-12R3S Datasheet
171Kb / 2P
   8 AMPS 20 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
12R3SS SSDI-12R3SS Datasheet
171Kb / 2P
   8 AMPS 20 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
12R3STX SSDI-12R3STX Datasheet
171Kb / 2P
   8 AMPS 20 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
12R3STXV SSDI-12R3STXV Datasheet
171Kb / 2P
   8 AMPS 20 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
More results


Similar Description - 12RS153C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
1200LRS MURATA-PS-1200LRS Datasheet
134Kb / 3P
   Through Hole Radial Lead Shielded Inductors
logo
RCD COMPONENTS INC.
RS1014-102-KBW RCD-RS1014-102-KBW Datasheet
27Kb / 1P
   SHIELDED RADIAL LEAD INDUCTORS
logo
Cooper Bussmann, Inc.
SR-5 COOPER-SR-5 Datasheet
370Kb / 2P
   Radial lead through-hole fuses
logo
Abracon Corporation
AISR-875 ABRACON-AISR-875 Datasheet
149Kb / 1P
   THRU-HOLE RADIAL SHIELDED INDUCTORS
11.15.06
AISR-01 ABRACON-AISR-01 Datasheet
81Kb / 1P
   THRU-HOLE RADIAL SHIELDED INDUCTORS
1.1.07
AIAS-01 ABRACON-AIAS-01 Datasheet
119Kb / 4P
   THROUGH-HOLE MOLDED SHIELDED INDUCTORS
logo
ECM Electronics Limited...
FS1012 ECM-FS1012 Datasheet
73Kb / 3P
   Shielded Radial Inductors
logo
Bourns Electronic Solut...
FSR1013 BOURNS-FSR1013 Datasheet
132Kb / 1P
   Radial Shielded Inductors
FSR1013-102KL-09 BOURNS-FSR1013-102KL-09 Datasheet
81Kb / 1P
   Radial Shielded Inductors
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
   Radial Lead Inductors
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com