Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6250-1.8T92RL Datasheet (PDF) - Gamma Microelectronics Inc.

GM6250-1.8T92RL Datasheet PDF - Gamma Microelectronics Inc.
Part # GM6250-1.8T92RL
Download  GM6250-1.8T92RL Download

File Size   160.76 Kbytes
Page   14 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR

GM6250-1.8T92RL Datasheet (PDF)

Go To PDF Page Download Datasheet
GM6250-1.8T92RL Datasheet PDF - Gamma Microelectronics Inc.

Part # GM6250-1.8T92RL
Download  GM6250-1.8T92RL Click to download

File Size   160.76 Kbytes
Page   14 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR

GM6250-1.8T92RL Datasheet (HTML) - Gamma Microelectronics Inc.

Back Button GM6250-1.8T92RL Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6250-1.8T92RL Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6250-1.8T92RL Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6250-1.8T92RL Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6250-1.8T92RL Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6250-1.8T92RL Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6250-1.8T92RL Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6250-1.8T92RL Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6250-1.8T92RL Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6250-1.8T92RL Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button 

GM6250-1.8T92RL Product details

Description

GM6250 combines high accuracy with very low power consumption, and provides high output current even when the application requires extremely low input-output voltage dropout.

GM6250 includes a precision voltage reference, an error correction circuit, over-temperature protection, and a current limited output driver. Fast transient response to load variations provides excellent stability under dynamic loads.

GM6250 comes in SOT-23 (150mW), and SOT-89 (500mW).



Features

♦ Maximum output current up 300mA

♦ Output voltage from 1.5V to 5.0V in 0.1V increments

♦ Output voltage accuracy : ±2%

♦ CMOS low power consumption, typically 1.0µA at VOUT = 5.0V

♦ Input stability: typically 0.2%/V

♦ Ultra low dropout voltage: 0.38V @ IOUT = 200mV at VOUT = 5.0V

♦ SOT-23 (150mW), SOT-89 (500mW) and TO-92 packages



Application

♦ Palmtops

♦ Portable Cameras

♦ Video Recorders

♦ Battery Powered Equipment

♦ Reference Voltage Sources



 




Similar Part No. - GM6250-1.8T92RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6250-1.8T92RL ETC2-GM6250-1.8T92RL Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6250-1.8T92RL GAMMA-GM6250-1.8T92RL Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Similar Description - GM6250-1.8T92RL

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 GAMMA-GM6251_1 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9162 RICHTEK-RT9162_07 Datasheet
78Kb / 5P
   300mA Low Dropout Positive Voltage Regulator
RT9162 RICHTEK-RT9162 Datasheet
142Kb / 6P
   300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Advanced Power Electron...
APU8836 A-POWER-APU8836 Datasheet
314Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
APU1205 A-POWER-APU1205_14 Datasheet
218Kb / 5P
   300mA ULTRA LOW DROPOUT POSITIVE
APU8836 A-POWER-APU8836_14 Datasheet
287Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com