Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA7288P Datasheet (PDF) - Toshiba Semiconductor

TA7288P Datasheet PDF - Toshiba Semiconductor
Part # TA7288P
Download  TA7288P Download

File Size   279.11 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL BRIDGE DRIVER

TA7288P Datasheet (PDF)

Go To PDF Page Download Datasheet
TA7288P Datasheet PDF - Toshiba Semiconductor

Part # TA7288P
Download  TA7288P Click to download

File Size   279.11 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL BRIDGE DRIVER

TA7288P Datasheet (HTML) - Toshiba Semiconductor

TA7288P Datasheet HTML 1Page - Toshiba Semiconductor TA7288P Datasheet HTML 2Page - Toshiba Semiconductor TA7288P Datasheet HTML 3Page - Toshiba Semiconductor TA7288P Datasheet HTML 4Page - Toshiba Semiconductor TA7288P Datasheet HTML 5Page - Toshiba Semiconductor TA7288P Datasheet HTML 6Page - Toshiba Semiconductor TA7288P Datasheet HTML 7Page - Toshiba Semiconductor TA7288P Datasheet HTML 8Page - Toshiba Semiconductor

TA7288P Product details

The TA7288P is a bridge driver that is ideal for normal / reverse switching.

This circuit offers four modes: normal rotation, reverse rotation, stop, and brake. The output current is 1.0 A (AVE.) and 2.0 A (PEAK). TA7288P has an ideal circuit configuration for VCR front tape loading and offers two types of power supply pins. One is for output, the other for control. The Vref pin on the output side used to control the motor voltage facilitates motor voltage adjustment. The IC requires little input current, enabling direct connection with CMOS



Features

Wide range of operating voltage: VCC (opr.) = 4.5 to 18 V

                                 VS (opr.) = 0 to 18 V

                                 Vref (opr.) = 0 to 18 V

  No malfunction occurs even if VCC is higher than VS or vice versa. however, observe Vref ≤ VS.

Output current up to 1.0 A (AVE.) and 2.0 A (PEAK)

Built-in thermal shutdown circuit and overcurrent protection circuit for output pins

Built-in punch−through current restriction circuit

Built-in back electromotive force absorber diode

Built-in hysteresis circuit




Similar Part No. - TA7288P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7288P TOSHIBA-TA7288P Datasheet
308Kb / 12P
   Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
TA7288P TOSHIBA-TA7288P_07 Datasheet
308Kb / 12P
   Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
More results


Similar Description - TA7288P

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8306 SAMSUNG-KA8306 Datasheet
104Kb / 8P
   DUAL BRIDGE DRIVER
logo
Toshiba Semiconductor
TA8400P TOSHIBA-TA8400P Datasheet
253Kb / 8P
   DUAL BRIDGE DRIVER
TA7279P TOSHIBA-TA7279P Datasheet
265Kb / 8P
   DUAL BRIDGE DRIVER
TA8405S TOSHIBA-TA8405S Datasheet
241Kb / 7P
   DUAL BRIDGE DRIVER
logo
STMicroelectronics
L9997ND STMICROELECTRONICS-L9997ND Datasheet
96Kb / 9P
   DUAL HALF BRIDGE DRIVER
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
   Dual H-Bridge Driver
logo
New Japan Radio
NJW4810A NJRC-NJW4810A Datasheet
153Kb / 12P
   Dual Half Bridge Driver
logo
STMicroelectronics
L298 STMICROELECTRONICS-L298 Datasheet
185Kb / 13P
   DUAL FULL-BRIDGE DRIVER
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver
logo
Toshiba Semiconductor
TC78H620FNG TOSHIBA-TC78H620FNG Datasheet
519Kb / 15P
   DUAL-BRIDGE DRIVER IC
2016-11-28
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com