Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA8053H Datasheet (PDF) - Toshiba Semiconductor

TA8053H Datasheet PDF - Toshiba Semiconductor
Part # TA8053H
Download  TA8053H Download

File Size   359.06 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3A DC MOTOR DRIVER WITH DIAGNOSIS

TA8053H Datasheet (PDF)

Go To PDF Page Download Datasheet
TA8053H Datasheet PDF - Toshiba Semiconductor

Part # TA8053H
Download  TA8053H Click to download

File Size   359.06 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3A DC MOTOR DRIVER WITH DIAGNOSIS

TA8053H Datasheet (HTML) - Toshiba Semiconductor

TA8053H Datasheet HTML 1Page - Toshiba Semiconductor TA8053H Datasheet HTML 2Page - Toshiba Semiconductor TA8053H Datasheet HTML 3Page - Toshiba Semiconductor TA8053H Datasheet HTML 4Page - Toshiba Semiconductor TA8053H Datasheet HTML 5Page - Toshiba Semiconductor TA8053H Datasheet HTML 6Page - Toshiba Semiconductor TA8053H Datasheet HTML 7Page - Toshiba Semiconductor TA8053H Datasheet HTML 8Page - Toshiba Semiconductor TA8053H Datasheet HTML 9Page - Toshiba Semiconductor

TA8053H Product details

3A DC MOTOR DRIVER WITH DIAGNOSIS

The TA8053H is a bidirectional DC motor driver with a current capacity of 3A. Inputs DI1 and DI2 are combined to select one of forward, reverse, stop, and brake modes.
The inputs are TTL−compatible, and separate power supplies are provided for the logic and output sections. The IC also incorporates various protective functions as well as a self-diagnostic function for diagnostic output

FEATURES
● Output current capacity : 3A (Max.)
● Small standby current consumption : 100µA (Max.)
● Four operation modes : Forward, reverse, stop, and brake
● Multiple protective functions : Short−circuit protection, thermal shutdown, and over−voltage shutdown
● Self−diagnostic output : On short−circuit detection
● Built−in counter electromotive force absorption diodes.
● Plastic package HZIP−12pin




Similar Part No. - TA8053H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA805 ETC1-TA805 Datasheet
170Kb / 1P
   Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TA805 OHMITE-TA805 Datasheet
239Kb / 2P
   Power Chip짰 Thick Film on Alumina Substrate
TA805 OHMITE-TA805 Datasheet
333Kb / 2P
   High Power Density
logo
Toshiba Semiconductor
TA8050AK TOSHIBA-TA8050AK Datasheet
274Kb / 8P
   1.5A MOTOR DRIVER WITH BRAKE FUNCTION
TA8050F TOSHIBA-TA8050F Datasheet
184Kb / 9P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Similar Description - TA8053H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8081P TOSHIBA-TA8081P Datasheet
210Kb / 6P
   0.7A MOTOR DRIVER WITH DIAGNOSIS
TA8061H TOSHIBA-TA8061H Datasheet
166Kb / 5P
   DUAL HIGH SIDE DRIVER WITH DIAGNOSIS
TA8051P TOSHIBA-TA8051P Datasheet
355Kb / 9P
   3A MOTOR DRIVER WITH BRAKE FUNCTION
logo
List of Unclassifed Man...
TMC236 ETC2-TMC236 Datasheet
189Kb / 25P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
TMC239 ETC2-TMC239 Datasheet
155Kb / 21P
   High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
logo
Sanyo Semicon Device
STK6103 SANYO-STK6103 Datasheet
232Kb / 11P
   DC 3-phase Brushless Motor Driver (Output Current 3A)
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
225Kb / 5P
   Motor driver with DC brush
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
logo
Texas Instruments
DRV8808 TI1-DRV8808 Datasheet
1Mb / 38P
[Old version datasheet]   COMBINATION MOTOR DRIVER WITH DC-DC CONVERTER
logo
Rohm
BD621X0AEFJ ROHM-BD621X0AEFJ Datasheet
1Mb / 9P
   36V 1 Channel (1A/2A/3A) DC Brushed Motor Driver
Rev.001 May 2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com