Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2CW032039YQ-PA Datasheet (PDF) - Silan Microelectronics Joint-stock

2CW032039YQ-PA Datasheet PDF - Silan Microelectronics Joint-stock
Part # 2CW032039YQ-PA
Download  2CW032039YQ-PA Download

File Size   165.58 Kbytes
Page   4 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS

2CW032039YQ-PA Datasheet (PDF)

Go To PDF Page Download Datasheet
2CW032039YQ-PA Datasheet PDF - Silan Microelectronics Joint-stock

Part # 2CW032039YQ-PA
Download  2CW032039YQ-PA Click to download

File Size   165.58 Kbytes
Page   4 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS

2CW032039YQ-PA Datasheet (HTML) - Silan Microelectronics Joint-stock

2CW032039YQ-PA Datasheet HTML 1Page - Silan Microelectronics Joint-stock 2CW032039YQ-PA Datasheet HTML 2Page - Silan Microelectronics Joint-stock 2CW032039YQ-PA Datasheet HTML 3Page - Silan Microelectronics Joint-stock 2CW032039YQ-PA Datasheet HTML 4Page - Silan Microelectronics Joint-stock

2CW032039YQ-PA Product details

DESCRIPTION
➤ 2CW032XXXYQ-PX series are low-power zener diode chips
   for glass seal that fabricated in silicon epitaxial planar
   technology.
➤ The series is asymmetrical regulator voltage chips, that is
   the upper limit and lower limit is asymmetrical, e.g. Vz=3.0V
   chips: the upper limit is 3.25V, the lower limit Is 2.95V ,the
   specification design is better suitable for user’s using habit
➤ For user convenient choice regulator voltage in narrow limit.
   The series divided into 4 types in given regulator voltage
   and named PA, PB, PC and PD.
➤ The chip thickness is 140μm. The top electrode material is
   Ag bump, and the backside electrode material is Ag.
➤ Chip size: 0.32 X 0.32 (mm)2.




Similar Part No. - 2CW032039YQ-PA

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032039YQ-2 SILAN-2CW032039YQ-2 Datasheet
230Kb / 7P
   2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW032039YQ-5 SILAN-2CW032039YQ-5 Datasheet
230Kb / 7P
   2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
More results


Similar Description - 2CW032039YQ-PA

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW035036YQPA SILAN-2CW035036YQPA Datasheet
44Kb / 4P
   2CW035XXXYQPX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW032036YQ-2 SILAN-2CW032036YQ-2 Datasheet
230Kb / 7P
   2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW032020JL-R SILAN-2CW032020JL-R Datasheet
96Kb / 2P
   2CW032XXXJL-R SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
2CW035020JLR SILAN-2CW035020JLR Datasheet
30Kb / 2P
   2CW035XXXJLR SERIES ZNER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
2CW035036YQ2 SILAN-2CW035036YQ2 Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
logo
Compensated Deuices Inc...
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
   ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
   ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
   ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
   ZENER DIODE CHIPS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com