Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7341-1A Datasheet (PDF) - NEC

PS7341-1A Datasheet PDF - NEC
Part # PS7341-1A
Download  PS7341-1A Download

File Size   107.67 Kbytes
Page   14 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET

PS7341-1A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7341-1A Datasheet PDF - NEC

Part # PS7341-1A
Download  PS7341-1A Click to download

File Size   107.67 Kbytes
Page   14 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET

PS7341-1A Datasheet (HTML) - NEC

Back Button PS7341-1A Datasheet HTML 1Page - NEC PS7341-1A Datasheet HTML 2Page - NEC PS7341-1A Datasheet HTML 3Page - NEC PS7341-1A Datasheet HTML 4Page - NEC PS7341-1A Datasheet HTML 5Page - NEC PS7341-1A Datasheet HTML 6Page - NEC PS7341-1A Datasheet HTML 7Page - NEC PS7341-1A Datasheet HTML 8Page - NEC PS7341-1A Datasheet HTML 9Page - NEC PS7341-1A Datasheet HTML 10Page - NEC Next Button 

PS7341-1A Product details

DESCRIPTION

The PS7341-1A and PS7341L-1A are solid state relays containing GaAs LEDson the light emitting side (input side) and MOS FETs on the output side. They are suitable for analog signal control because of their low offset and high linearity. The PS7341L-1A has a surface mount type lead.



FEATURES

•  High isolation voltage (BV = 3 750 Vr.m.s.)

•  1 channel type (1 a output)

•  Low LED Operating Current (IF= 2 mA)

•  Designed for AC/DC switching line changer

•  Small package (6-pin DIP)

•  Low offset voltage

•  Ordering number of taping product : PS7341L-1A-E3, E4: 1 000 pcs/reel

• Pb-Free product

• Safety standards

 •  UL approved: File No. E72422

 •  BSI approved: No. 8252/8253

 •  CSA approved: No. CA 101391

 •  SEMKO approved: No. 606398

 •  DEMKO approved: No. 309836

 •  NEMKO approved: No. P00100964

 •  FIMKO approved: No. FI 15188

 •  DIN EN60747-5-2 (VDE0884 Part2) approved (Option)



APPLICATIONS

• Exchange equipment

• Measurement equipment

• FA/OA equipment




Similar Part No. - PS7341-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7341-1A CEL-PS7341-1A Datasheet
349Kb / 11P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7341-1A RENESAS-PS7341-1A Datasheet
225Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE
logo
California Eastern Labs
PS7341-1A-A CEL-PS7341-1A-A Datasheet
349Kb / 11P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7341-1A RENESAS-PS7341-1A_15 Datasheet
225Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE
More results


Similar Description - PS7341-1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7342-1A RENESAS-PS7342-1A Datasheet
257Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7341-1B RENESAS-PS7341-1B Datasheet
263Kb / 16P
   HIGH ISOLATION VOLTAGE 6-PIN DIP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7360-1A CEL-PS7360-1A Datasheet
201Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141E-1A RENESAS-PS7141E-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
NEC
PS7141E-1A NEC-PS7141E-1A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-2A RENESAS-PS7141-2A_15 Datasheet
227Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7141E-2A RENESAS-PS7141E-2A_15 Datasheet
228Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7142-2A RENESAS-PS7142-2A Datasheet
253Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com