Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTGD3149CT1G Datasheet (PDF) - ON Semiconductor

NTGD3149CT1G Datasheet PDF - ON Semiconductor
Part # NTGD3149CT1G
Download  NTGD3149CT1G Download

File Size   126.24 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET Complementary, 20 V, 3.5/??.7 A, TSOP?? Dual

NTGD3149CT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
NTGD3149CT1G Datasheet PDF - ON Semiconductor

Part # NTGD3149CT1G
Download  NTGD3149CT1G Click to download

File Size   126.24 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET Complementary, 20 V, 3.5/??.7 A, TSOP?? Dual

NTGD3149CT1G Datasheet (HTML) - ON Semiconductor

NTGD3149CT1G Datasheet HTML 1Page - ON Semiconductor NTGD3149CT1G Datasheet HTML 2Page - ON Semiconductor NTGD3149CT1G Datasheet HTML 3Page - ON Semiconductor NTGD3149CT1G Datasheet HTML 4Page - ON Semiconductor NTGD3149CT1G Datasheet HTML 5Page - ON Semiconductor NTGD3149CT1G Datasheet HTML 6Page - ON Semiconductor NTGD3149CT1G Datasheet HTML 7Page - ON Semiconductor NTGD3149CT1G Datasheet HTML 8Page - ON Semiconductor



Similar Part No. - NTGD3149CT1G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTGD3149CT1G VBSEMI-NTGD3149CT1G Datasheet
607Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
More results


Similar Description - NTGD3149CT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
   Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGD4167C ONSEMI-NTGD4167C Datasheet
135Kb / 10P
   Power MOSFET Complementary, 30 V, 2.9/??.2 A, TSOP?? Dual
December, 2008 ??Rev. 1
NTGS3441B ONSEMI-NTGS3441B Datasheet
94Kb / 6P
   Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGD3133P ONSEMI-NTGD3133P Datasheet
67Kb / 5P
   Power MOSFET ??0 V, ??.5 A, P?묬hannel, TSOP?? Dual
July, 2006 ??Rev. 0
logo
Nexperia B.V. All right...
PMDPB65UP NEXPERIA-PMDPB65UP Datasheet
326Kb / 16P
   20 V, 3.5 A dual P-channel Trench MOSFET
logo
ON Semiconductor
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
   Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
   Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
   Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTHD3102CT1G ONSEMI-NTHD3102CT1G Datasheet
101Kb / 11P
   Power MOSFET Complementary, 20 V, 5.5 A /??.2 A, ChipFET
September, 2006 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com