Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9028AF Datasheet (PDF) - Toshiba Semiconductor

TC9028AF Datasheet PDF - Toshiba Semiconductor
Part # TC9028AF
Download  TC9028AF Download

File Size   835.24 Kbytes
Page   20 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description INFRARED REMOTE CONTROL TRANSMITTING CMOS LSI WITH MICROCONTROLLING

TC9028AF Datasheet (PDF)

Go To PDF Page Download Datasheet
TC9028AF Datasheet PDF - Toshiba Semiconductor

Part # TC9028AF
Download  TC9028AF Click to download

File Size   835.24 Kbytes
Page   20 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description INFRARED REMOTE CONTROL TRANSMITTING CMOS LSI WITH MICROCONTROLLING

TC9028AF Datasheet (HTML) - Toshiba Semiconductor

Back Button TC9028AF Datasheet HTML 1Page - Toshiba Semiconductor TC9028AF Datasheet HTML 2Page - Toshiba Semiconductor TC9028AF Datasheet HTML 3Page - Toshiba Semiconductor TC9028AF Datasheet HTML 4Page - Toshiba Semiconductor TC9028AF Datasheet HTML 5Page - Toshiba Semiconductor TC9028AF Datasheet HTML 6Page - Toshiba Semiconductor TC9028AF Datasheet HTML 7Page - Toshiba Semiconductor TC9028AF Datasheet HTML 8Page - Toshiba Semiconductor TC9028AF Datasheet HTML 9Page - Toshiba Semiconductor TC9028AF Datasheet HTML 10Page - Toshiba Semiconductor Next Button 

TC9028AF Product details

Infrared Remote Control Transmitting CMOS LSI with Microcontrolling

TC9028AP, TC9028AF is CMOS LSI for Infrared Remote Control Transmitting suitable for Remote Controlling TV, VCR, Video Disk, CD-Player etc.
Using a 4 bit Microcontroller, various transmittings are structured by a programming.

Features
• Low voltage operation: 2.0~4.0 V
• Low power dissipation: ≤ 1 µA (at Hold Function)
• Program memory (ROM) capacity: 768 × 8 bit
• Data memory (RAM) capacity: 16 × 4 bit
• Instruction: 44 kinds
• Timer/Counter: 10~15 bit
• I/O port (15pins)
   I/O : 2 ports 8 pins
   Input : 1 port 4 pins
   Output : 1 port 3 pins (Including High Current Output)
• Subcarrier frequency : fosc/12, fosc/8
                                       fosc/24, fosc/16 (Option)
• Oscillating frequency: 400~800 kHz
• Instruction execution time: 11 µs (at 455 kHz)
• Package : DIP20 (TC9028AP)
                   SOP20 (TC9028AF)




Similar Part No. - TC9028AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9028F TOSHIBA-TC9028F Datasheet
828Kb / 20P
   INFRARED REMOTE CONTROL TRANSMITTING CMOS LSI WITH MICROCONTROLLING
TC9028P TOSHIBA-TC9028P Datasheet
828Kb / 20P
   INFRARED REMOTE CONTROL TRANSMITTING CMOS LSI WITH MICROCONTROLLING
More results


Similar Description - TC9028AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9028P TOSHIBA-TC9028P Datasheet
828Kb / 20P
   INFRARED REMOTE CONTROL TRANSMITTING CMOS LSI WITH MICROCONTROLLING
logo
SHENZHEN FUMAN ELECTRON...
TC8889B FUMAN-TC8889B Datasheet
607Kb / 12P
   Infrared remote control transmitting circuit
logo
Nippon Precision Circui...
SM8505 NPC-SM8505 Datasheet
589Kb / 9P
   Infrared Remote Control LSI
logo
SHENZHEN FUMAN ELECTRON...
TC8886B FUMAN-TC8886B Datasheet
621Kb / 12P
   24Pin infrared remote control transmitting circuit
logo
Toshiba Semiconductor
TC9259N TOSHIBA-TC9259N Datasheet
339Kb / 8P
   INFRARED REMOTE CONTROL RECEIVING LSI
TC9285P TOSHIBA-TC9285P Datasheet
328Kb / 8P
   INFRARED REMOTE CONTROL RECEIVING LSI
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
TC9243APG TOSHIBA-TC9243APG Datasheet
287Kb / 10P
   Infrared Remote-Control Signal Transmission LSI
logo
SHENZHEN FUMAN ELECTRON...
SCTX8IR FUMAN-SCTX8IR Datasheet
117Kb / 5P
   Infrared frequency three-car remote control receiving/transmitting IC
logo
Motorola, Inc
MC145030 MOTOROLA-MC145030 Datasheet
198Kb / 8P
   Remote Control Encoder/Decoder LSI CMOS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com